Electronic Components Datasheet Search
  English  ▼

X  

SP6686 Datasheet(PDF) 1 Page - Sipex Corporation

Part # SP6686
Description  400mA Buck/Boost Charge Pump LED Driver
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP6686 Datasheet(HTML) 1 Page - Sipex Corporation

  SP6686 Datasheet HTML 1Page - Sipex Corporation SP6686 Datasheet HTML 2Page - Sipex Corporation SP6686 Datasheet HTML 3Page - Sipex Corporation SP6686 Datasheet HTML 4Page - Sipex Corporation SP6686 Datasheet HTML 5Page - Sipex Corporation SP6686 Datasheet HTML 6Page - Sipex Corporation SP6686 Datasheet HTML 7Page - Sipex Corporation SP6686 Datasheet HTML 8Page - Sipex Corporation SP6686 Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
1
Date: 03/10/06
SP6686 400mA, Buck/Boost Charge Pump LED Driver
© Copyright 2006 Sipex Corporation
SP6686
DESCRIPTION
The SP6686 is a current regulated charge pump ideal for powering high brightness LEDs for
camera flash applications. The charge pump can be set to regulate two current levels for
FLASH and TORCH modes. The SP6686 automatically switches modes between step-up
and step-down ensuring that LED current does not depend on the forward voltage. A low
current sense reference voltage (50mV) allows the use of small 0603 current sensing
resistors. The SP6686 is offered in 10-pin DFN package.
TYPICAL APPLICATION CIRCUIT
FEATURES
■ Output Current up to 480mA
■ Up to 94% Efficiency in Torch Mode
■ Automatic Softstart limits inrush current
■ Adjustable FLASH mode
■ x1 and x2 Automatic Modes for High Efficiency
■ Minimum External Components: No Inductors
■ High Frequency Operation: 2.4 MHz
■ Low 50mV reference for low loss sensing
■ 1µA shutdown current
■ PWM Dimming Control
■ Automatic switchover between buck/boost
■ Over voltage protection on output
■ Over current/temerature protection
■ Low Ripple and EMI
■ Space Saving 10-pin 3mm x 3mm DFN
Package
APPLICATIONS
■ White LED Torch/Flash for Cell
Phones, DSCs, and Camcorders
■ Generic Lighting/Flash/Strobe
Applications
■ White LED Backlighting
400mA Buck/Boost Charge Pump LED Driver
Now Available in Lead Free Packaging
SP6686
10 Pin DFN
10
9
8
7
6
VOUT
PGND
SGND
IFB
ISET
1
2
3
4
5
VIN
C1
C2
FLASH
EN
SP6686
®
ENABLE
TORCH/FLASH
C1
C2
FLASH
FB
PGND
SGND
RSET
VOUT
VIN
2.2µF
(2.7 - 5.5V)
1µF
0.47µF
EN
RSENSE
RSET
CIN
COUT
CFC
VIN
400mA FLASH
106K
0.33
Ω
Ω
WLED


Similar Part No. - SP6686

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
SP6686 EXAR-SP6686 Datasheet
640Kb / 12P
400mA Buck/Boost Charge Pump LED Driver
logo
Sipex Corporation
SP6686EB SIPEX-SP6686EB Datasheet
181Kb / 4P
Evaluation Board Manual
SP6686ER SIPEX-SP6686ER Datasheet
181Kb / 4P
Evaluation Board Manual
logo
Exar Corporation
SP6686ER-L EXAR-SP6686ER-L Datasheet
640Kb / 12P
400mA Buck/Boost Charge Pump LED Driver
SP6686ER-L EXAR-SP6686ER-L Datasheet
640Kb / 13P
400mA Buck/Boost Charge Pump LED Driver
More results

Similar Description - SP6686

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP7685 SIPEX-SP7685 Datasheet
259Kb / 12P
1.2A Buck/Boost Charge Pump LED Driver
SP6685 SIPEX-SP6685_06 Datasheet
278Kb / 16P
700mA Buck/Boost Charge Pump LED Driver
logo
Kingbor Technology Co
KB3386 KINGBOR-KB3386 Datasheet
192Kb / 8P
400mA Buck/Boost Charge Pump LED Driver
logo
Exar Corporation
SP6685 EXAR-SP6685 Datasheet
565Kb / 14P
700mA Buck/Boost Charge Pump LED Driver
SP6686 EXAR-SP6686 Datasheet
640Kb / 12P
400mA Buck/Boost Charge Pump LED Driver
SP7685 EXAR-SP7685 Datasheet
267Kb / 12P
1.2A Buck/Boost Charge Pump LED Driver
SP6686ER-L-TR EXAR-SP6686ER-L-TR Datasheet
640Kb / 13P
400mA Buck/Boost Charge Pump LED Driver
SP7685ER-L-TR EXAR-SP7685ER-L-TR Datasheet
266Kb / 13P
1.2A Buck/Boost Charge Pump LED Driver
logo
Lowpower Semiconductor ...
LP3367 POWER-LP3367 Datasheet
730Kb / 10P
1A Buck/Boost Charge Pump LED Driver
logo
Shenzhen Huazhimei Semi...
HM3251 HMSEMI-HM3251 Datasheet
425Kb / 8P
1A Buck/Boost Charge Pump LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com