Electronic Components Datasheet Search
  English  ▼

X  

LM393FVT Datasheet(PDF) 18 Page - Rohm

Part # LM393FVT
Description  Ground Sense Comparators
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

LM393FVT Datasheet(HTML) 18 Page - Rohm

Back Button LM393FVT Datasheet HTML 14Page - Rohm LM393FVT Datasheet HTML 15Page - Rohm LM393FVT Datasheet HTML 16Page - Rohm LM393FVT Datasheet HTML 17Page - Rohm LM393FVT Datasheet HTML 18Page - Rohm LM393FVT Datasheet HTML 19Page - Rohm LM393FVT Datasheet HTML 20Page - Rohm LM393FVT Datasheet HTML 21Page - Rohm LM393FVT Datasheet HTML 22Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 40 page
background image
Datasheet
www.rohm.com
TSZ02201-0GOG0G200770-1-2
©2015 ROHM Co., Ltd. All rights reserved.
18/37
15.Jul.2016 Rev.002
TSZ22111
• 15 • 001
LM393xxx
LM339xxx
LM2903xxx
LM2901xxx
Application Information
– continued
1.
Unused Circuits
It is recommended to apply the connection (see Figure 42) and set the non-inverting input pin at a potential within the
Input Common-mode Voltage Range (VICM) for any unused circuit.
Figure 42. Example of Application Circuit for Unused Comparator
2.
Input Pin Voltage
Regardless of the supply voltage, applying VEE+32V to the input pin is possible without causing deterioration of the
electrical characteristics or destruction. However, this does not ensure normal circuit operation. Please note that the
circuit operates normally only when the input voltage is within the common mode input voltage range of the electric
characteristics.
3.
Power Supply (Single/Dual)
The comparators operate when the voltage supplied is between VCC pin and VEE pin. Therefore, the single supply
comparators can be used as dual supply comparators as well.
4.
IC Handling
When pressure is applied to the IC through warp on the printed circuit board, the characteristics may fluctuate due to the
piezoelectric effect. Be careful of warps on the printed circuit board.
I/O Equivalent Circuit
Symbol
Pin No.
Equivalent Circuit
+IN
-IN
LM393xxx, LM2903xxx: 2,3,5,6
LM339xxx, LM2901xxx:
4,5,6,7,8,9,10,11
OUT
LM393xxx, LM2903xxx: 1,7
LM339xxx, LM2901xxx: 1,2,13,14
VCC
LM393xxx, LM2903xxx: 8
LM339xxx, LM2901xxx: 3
VEE
VCC
Keep this potential in VICM
+
-
VCC
VEE
OPEN
VICM
VCC
VEE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com