Electronic Components Datasheet Search
  English  ▼

X  

LM393FVT Datasheet(PDF) 20 Page - Rohm

Part # LM393FVT
Description  Ground Sense Comparators
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

LM393FVT Datasheet(HTML) 20 Page - Rohm

Back Button LM393FVT Datasheet HTML 16Page - Rohm LM393FVT Datasheet HTML 17Page - Rohm LM393FVT Datasheet HTML 18Page - Rohm LM393FVT Datasheet HTML 19Page - Rohm LM393FVT Datasheet HTML 20Page - Rohm LM393FVT Datasheet HTML 21Page - Rohm LM393FVT Datasheet HTML 22Page - Rohm LM393FVT Datasheet HTML 23Page - Rohm LM393FVT Datasheet HTML 24Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 40 page
background image
Datasheet
www.rohm.com
TSZ02201-0GOG0G200770-1-2
©2015 ROHM Co., Ltd. All rights reserved.
20/37
15.Jul.2016 Rev.002
TSZ22111
• 15 • 001
LM393xxx
LM339xxx
LM2903xxx
LM2901xxx
Power Dissipation
Power dissipation (total loss) indicates the power that the IC can consume at TA=25°C (normal temperature). As the IC
consumes power, it heats up, causing its temperature to be higher than the ambient temperature. The allowable temperature
that the IC can accept is limited. This depends on the circuit configuration, manufacturing process, and consumable power.
Power dissipation is determined by the allowable temperature within the IC (maximum junction temperature) and the thermal
resistance of the package used (heat dissipation capability). Maximum junction temperature is typically equal to the
maximum storage temperature. The heat generated through the consumption of power by the IC radiates from the mold
resin or lead frame of the package. Thermal resistance, represented by the symbol
θJA°C/W, indicates this heat dissipation
capability. Similarly, the temperature of an IC inside its package can be estimated by thermal resistance.
Figure 43(a) shows the model of the thermal resistance of a package. The equation below shows how to compute for the
Thermal resistance (
θJA), given the ambient temperature (TA), maximum junction temperature (Tjmax), and power dissipation
(PD).
θJA = (Tjmax-TA) / PD
°C/W
The Derating curve in Figure 43(b) indicates the power that the IC can consume with reference to ambient temperature.
Power consumption of the IC begins to attenuate at certain temperatures. This gradient is determined by Thermal resistance
(
θJA), which depends on the chip size, power consumption, package, ambient temperature, package condition, wind velocity,
etc. This may also vary even when the same package is used. Thermal reduction curve indicates a reference value
measured at a specified condition. Figure 43(c) to (f) show the examples of the derating curves for LM393xxx, LM2903xxx,
LM339xxx, and LM2901xxx respectively.
0.0
0.2
0.4
0.6
0.8
1.0
0
25
50
75
100
125
150
Ambient Temperature [°C]
(c) LM393xxx
(d) LM2903xxx
θJA=(Tjmax-TA)/ PD °C/W
Ambient temperature TA [ °C ]
Chip surface temperature Tj [ °C ]
(a) Thermal Resistance
(b) Derating Curve
Ambient temperature TA [ °C ]
Power dissipation of LSI [W]
PDmax
θ
JA2 < θJA1
0
50
75
100
125
150
25
P1
P2
θ
JA2
θ
JA1
Tjmax
0.0
0.2
0.4
0.6
0.8
1.0
0
25
50
75
100
125
150
Ambient Temperature [°C]
85
LM393F
(Note 19)
LM393FJ
(Note 20)
LM393FVT
(Note 21)
LM393FV
(Note 21)
LM393FVJ
(Note 22)
LM393FVM
(Note 22)
LM2903F
(Note 19)
LM2903FJ
(Note 20)
LM2903FVT
(Note 21)
LM2903FV
(Note 21)
LM2903FVJ
(Note 22)
LM2903FVM
(Note 22)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com