Electronic Components Datasheet Search
  English  ▼

X  

LM393FVT Datasheet(PDF) 3 Page - Rohm

Part # LM393FVT
Description  Ground Sense Comparators
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

LM393FVT Datasheet(HTML) 3 Page - Rohm

  LM393FVT Datasheet HTML 1Page - Rohm LM393FVT Datasheet HTML 2Page - Rohm LM393FVT Datasheet HTML 3Page - Rohm LM393FVT Datasheet HTML 4Page - Rohm LM393FVT Datasheet HTML 5Page - Rohm LM393FVT Datasheet HTML 6Page - Rohm LM393FVT Datasheet HTML 7Page - Rohm LM393FVT Datasheet HTML 8Page - Rohm LM393FVT Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 40 page
background image
Datasheet
www.rohm.com
TSZ02201-0GOG0G200770-1-2
©2015 ROHM Co., Ltd. All rights reserved.
3/37
15.Jul.2016 Rev.002
TSZ22111
• 15 • 001
LM393xxx
LM339xxx
LM2903xxx
LM2901xxx
Electrical Characteristics
○LM393xxx, LM2903xxx (Unless otherwise specified VCC=+5V, VEE=0V, TA=25°C)
Parameter
Symbol
Temperature
Range
Limit
Unit
Condition
Min
Typ
Max
Input Offset Voltage
(Note 12,13)
VIO
25°C
-
1
4.5
mV
VOUT=1.4V
Full range
-
-
5
VCC=5 to 32V, VOUT=1.4V
Input Offset Current
(Note 12,13)
IIO
25°C
-
5
50
nA
VOUT=1.4V
Full range
-
-
200
Input Bias Current
(Note 12,13)
IB
25°C
-
50
250
nA
VOUT=1.4V
Full range
-
-
500
Input Common-mode Voltage
Range
VICM
25°C
0
-
VCC-1.5
V
-
Large Signal Voltage Gain
AV
25°C
31
1000
-
V/mV
VCC=15V,
VOUT=1.4 to 11.4V,
RL=15kΩ, VRL=15V
90
120
-
dB
Supply Current
(Note 13)
ICC
25°C
-
0.6
1
mA
VOUT=Open
Full range
-
-
1.5
VOUT=Open, VCC=32V
Output Sink Current
(Note 14)
ISINK
25°C
8
16
-
mA
V+IN=0V, V-IN=1V,
VOUT=1.5V
Output Saturation Voltage
(Note 13)
(Low Level Output Voltage)
VOL
25°C
-
80
200
mV
V+IN=0V, V-IN= 1V
ISINK=4mA
Full range
-
-
400
Output Leakage Current
(Note 13)
(High Level Output Current)
ILEAK
25°C
-
0.1
-
nA
V+IN=1V, V-IN=0V,
VOUT=5V
Full range
-
-
1
μA
V+IN=1V, V-IN=0V,
VOUT=32V
Response Time
tRE
25°C
-
1
-
μs
RL=5.1kΩ, VRL=5V,
VIN=100mVP-P,
Overdrive=5mV
-
0.4
-
RL=5.1kΩ, VRL=5V,
VIN=TTL,
Logic Swing, VREF=1.4V
(Note 12)
Absolute value
(Note 13)
LM393xxx Full range: TA=-40°C to +85°C, LM2903xxx Full range: TA=-40°C to +125°C.
(Note 14)
Consider the power dissipation of the IC under high temperature when selecting the output current value.
There may be a case where the output current value is reduced due to the rise in IC temperature caused by the heat generated inside the IC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com