Electronic Components Datasheet Search
  English  ▼

X  

STB100N10F7 Datasheet(PDF) 7 Page - STMicroelectronics

Part # STB100N10F7
Description  N-channel 100 V, 6.8typ., 80 A STripFET™ F7 Power MOSFETs in D2PAK, DPAK, TO-220FP, I2PAK and TO-220 packages
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STB100N10F7 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STB100N10F7 Datasheet HTML 3Page - STMicroelectronics STB100N10F7 Datasheet HTML 4Page - STMicroelectronics STB100N10F7 Datasheet HTML 5Page - STMicroelectronics STB100N10F7 Datasheet HTML 6Page - STMicroelectronics STB100N10F7 Datasheet HTML 7Page - STMicroelectronics STB100N10F7 Datasheet HTML 8Page - STMicroelectronics STB100N10F7 Datasheet HTML 9Page - STMicroelectronics STB100N10F7 Datasheet HTML 10Page - STMicroelectronics STB100N10F7 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
Figure 13. Normalized gate threshold voltage vs
temperature
VGS(th)
1
0.96
0.94
0.92
-55
-5
TJ(°C)
(norm)
-30
70
20 45
95 120
0.98
1.02
1.04
ID= 250 µA
AM15746v1
Figure 14. Normalized on-resistance vs temperature
RDS(on)
1.8
1.4
0.8
0.4
-55
-5
TJ(°C)
(norm)
-30
70
20 45
95
0.6
1
1.2
1.6
2
120
ID = 40 A
VGS = 10 V
AM15760v2
Figure 15. Source-drain diode forward characteristics
VSD
0
40
ISD(A)
(V)
20
100
60
80
0.5
0.6
0.7
0.8
TJ=-55°C
TJ=150°C
TJ=25°C
0.9
1
1.1
AM15749v1
STB100N10F7,STD100N10F7,STF100N10F7,STI100N10F7,STP100N10F7
Electrical characteristics (curves)
DS9291 - Rev 5
page 7/28



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com