Electronic Components Datasheet Search
  English  ▼

X  

STB100N10F7 Datasheet(PDF) 3 Page - STMicroelectronics

Part # STB100N10F7
Description  N-channel 100 V, 6.8 mΩ typ., 80 A STripFET™ F7 Power MOSFETs in D2PAK, DPAK, TO-220FP, I2PAK and TO-220 packages
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STB100N10F7 Datasheet(HTML) 3 Page - STMicroelectronics

  STB100N10F7 Datasheet HTML 1Page - STMicroelectronics STB100N10F7 Datasheet HTML 2Page - STMicroelectronics STB100N10F7 Datasheet HTML 3Page - STMicroelectronics STB100N10F7 Datasheet HTML 4Page - STMicroelectronics STB100N10F7 Datasheet HTML 5Page - STMicroelectronics STB100N10F7 Datasheet HTML 6Page - STMicroelectronics STB100N10F7 Datasheet HTML 7Page - STMicroelectronics STB100N10F7 Datasheet HTML 8Page - STMicroelectronics STB100N10F7 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
2
Electrical characteristics
(TCASE = 25 °C unless otherwise specified)
Table 4. On-/off-states
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
V(BR)DSS
Drain-source breakdown voltage
ID = 250 μA, VGS = 0 V
100
V
IDSS
Zero gate voltage drain current
VDS = 100 V, VGS = 0 V
1
µA
VDS = 100 V, VGS = 0 V,
TC = 125 °C(1)
100
µA
IGSS
Gate-body leakage current
VGS = 20 V, VDS = 0 V
100
nA
VGS(th)
Gate threshold voltage
VDS = VGS, ID = 250 μA
2.5
4.5
V
RDS(on)
Static drain-source on-resistance
For D2PAK, DPAK, I2PAK and
TO-220:
VGS = 10 V, ID = 40 A
For TO-220FP:
VGS = 10 V, ID = 22.5 A
6.8
8.0
mΩ
1. Defined by design, not subject to production test.
Table 5. Dynamic
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
Ciss
Input capacitance
VDS = 50 V, f = 1 MHz,
VGS = 0 V
-
4369
-
pF
Coss
Output capacitance
-
823
-
pF
Crss
Reverse transfer capacitance
-
36
-
pF
Qg
Total gate charge
VDD = 50 V, ID = 80 A,
VGS = 0 to 10 V
(see Figure 17. Test circuit for gate
charge behavior)
-
61
-
nC
Qgs
Gate-source charge
-
26
-
nC
Qgd
Gate-drain charge
-
13
-
nC
Table 6. Switching times
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
td(on)
Turn-on delay time
VDD = 50 V, ID = 40 A,
RG = 4.7 Ω, VGS = 10 V
(see Figure 16. Test circuit for
resistive load switching times and
Figure 21. Switching time
waveform)
-
27
-
ns
tr
Rise time
-
40
-
ns
td(off)
Turn-off delay time
-
46
-
ns
tf
Fall time
-
15
-
ns
STB100N10F7,STD100N10F7,STF100N10F7,STI100N10F7,STP100N10F7
Electrical characteristics
DS9291 - Rev 5
page 3/28



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com