Electronic Components Datasheet Search
  English  ▼

X  

STB100N10F7 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STB100N10F7
Description  N-channel 100 V, 6.8 mΩ typ., 80 A STripFET™ F7 Power MOSFETs in D2PAK, DPAK, TO-220FP, I2PAK and TO-220 packages
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STB100N10F7 Datasheet(HTML) 1 Page - STMicroelectronics

  STB100N10F7 Datasheet HTML 1Page - STMicroelectronics STB100N10F7 Datasheet HTML 2Page - STMicroelectronics STB100N10F7 Datasheet HTML 3Page - STMicroelectronics STB100N10F7 Datasheet HTML 4Page - STMicroelectronics STB100N10F7 Datasheet HTML 5Page - STMicroelectronics STB100N10F7 Datasheet HTML 6Page - STMicroelectronics STB100N10F7 Datasheet HTML 7Page - STMicroelectronics STB100N10F7 Datasheet HTML 8Page - STMicroelectronics STB100N10F7 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
1
2
3
TO-220
TAB
1
2
3
TO-220FP
1
3
TAB
D2PAK
DPAK
1
3
2
TAB
1 2
3
TAB
I2PAK
AM01475v1_noZen
D(2, TAB)
G(1)
S(3)
Features
Order codes
VDS
RDS(on) max.
ID
Package
STB100N10F7
100 V
8.0 mΩ
80 A
D2PAK
STD100N10F7
80 A
DPAK
STF100N10F7
45 A
TO-220FP
STI100N10F7
80 A
I2PAK
STP100N10F7
80 A
TO-220
•
Among the lowest RDS(on) on the market
•
Excellent FoM (figure of merit)
•
Low Crss/Ciss ratio for EMI immunity
•
High avalanche ruggedness
Applications
•
Switching applications
Description
These N-channel Power MOSFETs utilize STripFET™ F7 technology with an
enhanced trench gate structure that results in very low on-state resistance, while also
reducing internal capacitance and gate charge for faster and more efficient switching.
Product status links
STB100N10F7
STD100N10F7
STF100N10F7
STI100N10F7
STP100N10F7
N-channel 100 V, 6.8 mΩ typ., 80 A STripFET™ F7 Power MOSFETs
in D2PAK, DPAK, TO-220FP, I2PAK and TO-220 packages
STB100N10F7, STD100N10F7, STF100N10F7
STI100N10F7, STP100N10F7
Datasheet
DS9291 - Rev 5 - June 2018
For further information contact your local STMicroelectronics sales office.
www.st.com


Similar Part No. - STB100N10F7

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STB100N10F7 STMICROELECTRONICS-STB100N10F7 Datasheet
1Mb / 23P
N-channel 100 V, 0.0068 Ω typ., 80 A, STripFET™ VII DeepGATE™ Power MOSFET in D2PAK, DPAK, TO-220FP and TO-220
25-Nov-2013
logo
Inchange Semiconductor ...
STB100N10F7 ISC-STB100N10F7 Datasheet
315Kb / 2P
Isc N-Channel MOSFET Transistor
logo
TECH PUBLIC Electronics...
STB100N10F7-TP TECHPUBLIC-STB100N10F7-TP Datasheet
2Mb / 4P
N-Channel Power MOSFET
More results

Similar Description - STB100N10F7

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STB60N55F3 STMICROELECTRONICS-STB60N55F3_09 Datasheet
630Kb / 20P
N-channel 55 V, 6.5 mΩ, 80 A, DPAK, IPAK, D2PAK, I2PAK, TO-220 TO-220FP STripFET™III Power MOSFET
17-Apr-2009
STF34N65M5 STMICROELECTRONICS-STF34N65M5 Datasheet
1Mb / 22P
N-channel 650 V, 0.09 typ., 28 A MDmesh V Power MOSFETs in D2PAK, I2PAK, TO-220 and TO-247 packages
02-Oct-2013
STP100N10F7 STMICROELECTRONICS-STP100N10F7 Datasheet
1Mb / 23P
N-channel 100 V, 0.0068 Ω typ., 80 A, STripFET™ VII DeepGATE™ Power MOSFET in D2PAK, DPAK, TO-220FP and TO-220
25-Nov-2013
STP45N10F7 STMICROELECTRONICS-STP45N10F7 Datasheet
1Mb / 19P
N-channel 100 V, 0.0145 typ., 45 A, STripFET VII DeepGATE Power MOSFETs in DPAK, I2PAK and TO-220 packages
October 2013 Rev 1
STD100N10LF7AG STMICROELECTRONICS-STD100N10LF7AG Datasheet
659Kb / 17P
Automotive-grade N-channel 100 V, 5 mΩ typ., 80 A STripFET™ F7 Power MOSFET in a DPAK package
06-Jun-2016
STB140N10F4 STMICROELECTRONICS-STB140N10F4 Datasheet
380Kb / 13P
N-channel 100 V, 5.2 mΩ, 60 A TO-220, D2PAK, TO-220FP STripFET™ DeepGATE™ Power MOSFET
12-Jan-2008
STD10P6F6 STMICROELECTRONICS-STD10P6F6_V01 Datasheet
1Mb / 24P
P-channel -60 V, 0.13 Ω typ., -10 A STripFET™ F6 Power MOSFETs in DPAK, TO-220FP, TO-220 and IPAK packages
27-Jul-2015
STB5NK50Z-1 STMICROELECTRONICS-STB5NK50Z-1_V01 Datasheet
674Kb / 29P
N-channel 500 V, 1.22 Ω typ., 4.4 A SuperMESH™ Power MOSFETs in I2PAK, DPAK, TO‑220, TO‑220FP and IPAK packages
18-Sep-2018
STD3NK90ZT4 STMICROELECTRONICS-STD3NK90ZT4_V01 Datasheet
563Kb / 24P
N-channel 900 V, 3.6 Ω typ., 3 A SuperMESH™ Power MOSFETs in DPAK, TO-220 and TO-220FP packages
20-Aug-2018
STD10P6F6-V01 STMICROELECTRONICS-STD10P6F6-V01 Datasheet
1Mb / 24P
P-channel -60 V, 0.13 Ω typ., -10 A STripFET™ F6 Power MOSFETs in DPAK, TO-220FP, TO-220 and IPAK packages
27-Jul-2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com