Electronic Components Datasheet Search
  English  ▼

X  

LM5032MTC Datasheet(PDF) 17 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM5032MTC
Description  High Voltage Dual Interleaved Current Mode Controller
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM5032MTC Datasheet(HTML) 17 Page - National Semiconductor (TI)

Back Button LM5032MTC Datasheet HTML 13Page - National Semiconductor (TI) LM5032MTC Datasheet HTML 14Page - National Semiconductor (TI) LM5032MTC Datasheet HTML 15Page - National Semiconductor (TI) LM5032MTC Datasheet HTML 16Page - National Semiconductor (TI) LM5032MTC Datasheet HTML 17Page - National Semiconductor (TI) LM5032MTC Datasheet HTML 18Page - National Semiconductor (TI) LM5032MTC Datasheet HTML 19Page - National Semiconductor (TI) LM5032MTC Datasheet HTML 20Page - National Semiconductor (TI) LM5032MTC Datasheet HTML 21Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 22 page
background image
Applications Information (Continued)
VCC
The capacitor at VCC provides not only regulator noise
filtering and stability, but also prevents VCC from dropping to
the lower under-voltage threshold level (UVT = 6.2V) when
the output drivers source current surges to the external
MOSFET gates. Additionally, the capacitor provides a nec-
essary time delay during startup. The time delay allows the
internal circuitry of the LM5032 and associated external
circuitry to stabilize before VCC reaches the upper UVT
threshold level (7.6V), at which time the outputs are enabled
and the soft-start sequence begins. VCC is nominally regu-
lated at 7.7V. The delay to the UVT level (Figure 2) is
calculated from the following:
where C1 is the capacitor at VCC and I
CC(Lim) is the VCC
regulator’s current limit. If the capacitor is 0.1 µF, the nominal
I
CC(Lim) of 22 mA provides a delay of approximately 35 µs.
The capacitor value should range between 0.1 µF and 25 µF.
Experimentation with the final design may be necessary to
determine the optimum value for the VCC capacitor.
The average V
CC regulator current required to drive the
external MOSFETs is a function of the MOSFET gate capaci-
tance and the switching frequency (see Figure 5). To ensure
VCC does not droop below the lower UVT threshold, an
external supply should be diode connected to VCC to pro-
vide the required current, as shown in Figure 25. The applied
V
CC voltage must be between 8V and 15V. Providing the
V
CC voltage higher than the 7.7V regulation level with an
external supply shuts off the internal regulator, reducing
power dissipation within the IC. Internally there is a diode
from the V
CC regulator output to VIN. Typically the applied
voltage is derived from an auxiliary winding on the power
transformer, or on the output inductor.
OSCILLATOR, SYNC INPUT
The oscillator frequency is generally selected in conjunction
with the system magnetic components, and any other as-
pects of the system which may be affected by the frequency.
The R
T resistor at the RT/SYNC pin sets the frequency
according to Equation 1. Each output (OUT1 and OUT2)
switches at one-half the oscillator frequency. If the required
frequency tolerance is critical in a particular application, the
tolerance of the external resistor and the frequency toler-
ance specified in the Electrical Characteristics table must be
considered when selecting the R
T resistor.
If the LM5032 is to be synchronized to an external clock, that
signal must be coupled into the RT/SYNC pin through a 100
pF capacitor. The external synchronizing frequency must be
at least 4% higher than the free running frequency set by the
R
T resistor and no higher than twice the free running fre-
quency. The RT/SYNC pin voltage is nominally regulated at
2.0V and the external pulse amplitude should lift the pin to
between 3.8V and 5.0V on the low-to-high transition. The
synchronization pulse width should be between 15 and 150
ns. The R
T resistor is always required, whether the oscillator
is free running or externally synchronized.
VOLTAGE FEEDBACK, COMP1, COMP2
Each COMP pin is designed to accept a voltage feedback
signal from the respective regulated output via an error
amplifier and (typically) an opto-coupler. A typical configura-
tion is shown in Figure 16. V
OUT is compared to a reference
by the error amplifier which has an appropriate frequency
compensation network. The amplifier’s output drives the
opto-coupler, which in turn drives the COMP pin.
When the LM5032’s two controller channels are configured
to provide a single high current output, COMP1 and COMP2
are typically connected together, and to the feedback signal
from the optocoupler.
CURRENT SENSE, CS1, CS2
Each CS pin receives an input signal representative of its
transformer’s primary current, either from a current sense
transformer or from a resistor in series with the source of the
primary switch, as shown in Figures 26 and 27. In both cases
the sensed current creates a ramping voltage across R1,
and the R
F/CF filter suppresses noise and transients. R1, RF
and C
F should be as physically close to the LM5032 as
possible, and the ground connection from the current sense
transformer, or R1, should be a dedicated track to the ap-
propriate GND pin. The current sense components must
provide >0.5V at the CS pin when an over-current condition
exists.
20135029
FIGURE 24. Shutdown Control
20135030
FIGURE 25. External Power to V
CC
www.national.com
17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com