Electronic Components Datasheet Search
  English  ▼

X  

LM5032MTC Datasheet(PDF) 19 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM5032MTC
Description  High Voltage Dual Interleaved Current Mode Controller
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM5032MTC Datasheet(HTML) 19 Page - National Semiconductor (TI)

Back Button LM5032MTC Datasheet HTML 14Page - National Semiconductor (TI) LM5032MTC Datasheet HTML 15Page - National Semiconductor (TI) LM5032MTC Datasheet HTML 16Page - National Semiconductor (TI) LM5032MTC Datasheet HTML 17Page - National Semiconductor (TI) LM5032MTC Datasheet HTML 18Page - National Semiconductor (TI) LM5032MTC Datasheet HTML 19Page - National Semiconductor (TI) LM5032MTC Datasheet HTML 20Page - National Semiconductor (TI) LM5032MTC Datasheet HTML 21Page - National Semiconductor (TI) LM5032MTC Datasheet HTML 22Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 19 / 22 page
background image
Applications Information (Continued)
With a 0.1 µF capacitor at SS, t2 is )150 ms.
Experimentation with the startup sequence and over-current
restart condition is usually necessary to determine the ap-
propriate value for the SS capacitors.
To shutdown one regulator without affecting the other,
ground the appropriate SS pin with an open collector or open
drain device as shown in Figure 28. The SS pin forces the
COMP pin to ground which reduces the PWM duty cycle to
zero for that regulator. Releasing the SS pin allows normal
operation to resume.
When the LM5032’s two controller channels are configured
to provide a single high current output, SS1 and SS2 are
typically connected together, requiring a single capacitor for
the two pins.
LINE VOLTAGE DEPENDENT MAXIMUM DUTY CYCLE
As V
PWR increases and the voltage at UVLO follows, the
maximum allowed duty cycle decreases according to the
graph of Figure 10. Using values from the example above
(R1 = 150 k
Ω,R2=10kΩ in Figure 23), the maximum duty
cycle varies as shown in Figure 11. If it is desired to increase
the slope of the ramp in Figure 11, Figure 29 shows a
suggested configuration. After the LM5032 is enabled, Z1
clamps the voltage across R1B, and UVLO increases with
V
PWR at a rate determined by the ratio R2/(R1A + R2).
USER DEFINED MAX DUTY CYCLE
The maximum allowed duty cycle at OUT1 and OUT2 can be
set with a resistor from DCL to GND1. See Figure 9 and
Equation 2. The default maximum duty cycle (80%) deter-
mined by the internal clock signals can be selected by set-
ting R
DCL =RT. The oscillator frequency setting resistor (RT)
must be determined before R
DCL is selected. The DCL pin
should not be left open.
PRINTED CIRCUIT (PC) BOARD LAYOUT
The LM5032 Current Sense and PWM comparators are very
fast, and respond to short duration noise pulses. The com-
ponents at the CS, COMP, SS, DCL, UVLO, and the RT/
SYNC pins should be as physically close as possible to the
IC, thereby minimizing noise pickup in the PC board tracks.
Layout considerations are critical for the current sense filter.
If current sense transformers are used, both leads of each
transformer secondary should be routed to the sense filter
components and to the IC pins. The ground side of each
transformer should be connected via a dedicated PC board
track to its appropriate GND pin, rather than through the
ground plane.
If the current sense circuits employ sense resistors in the
drive transistor sources, low inductance resistors should be
used. In this case, all the noise sensitive low current ground
tracks should be connected in common near the IC, and then
a single connection made to the power ground (sense resis-
tor ground point). The outputs of the LM5032 should have
short direct paths to the power MOSFETs in order to mini-
mize inductance in the PC board traces.
The two ground pins (GND1, GND2) must be connected
together with a short direct connection to avoid jitter due to
relative ground bounce in the operation of the two regulators.
If the internal dissipation of the LM5032 produces high junc-
tion temperatures during normal operation, the use of wide
PC board traces can help conduct heat away from the IC.
Judicious positioning of the PC board within the end product,
along with use of any available air flow (forced or natural
convection) can help reduce the junction temperatures.
APPLICATION CIRCUIT EXAMPLE
Figure 31 shows an example of an LM5032 controlled 200W
dual interleaved regulator which provides two independent
regulated outputs. The input voltage range (V
PWR) is 36V to
78V, and the output voltages are 12V each. The output
current capability is 8.3A from each output. Current sense
transformers T1 and T2 provide information to the CS2 and
CS1 pins for the current mode control, and error amplifiers
U5 and U6 provide voltage feedback to COMP2 and COMP1
via optocoupler U2. Auxiliary power is provided to VCC from
the primary side snubbers when the LM5032 outputs are
enabled. The UVLO levels are ) 34.3V for increasing V
PWR,
and ) 32.3V for decreasing V
PWR. The circuit can be shut-
down by forcing the ON/OFF input (J2) below 1.25V. An
external synchronizing frequency can be applied to the
SYNC input (J3). Each regulator output is current limited at
) 9A.
Efficiency measurements for this circuit are shown in Figure
30.
20135038
FIGURE 28. Shutting Down One Regulator Channel
20135039
FIGURE 29. Altering the Slope of Duty Cycle vs. V
PWR
www.national.com
19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com