Electronic Components Datasheet Search
  English  ▼

X  

LM5032MTC Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM5032MTC
Description  High Voltage Dual Interleaved Current Mode Controller
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM5032MTC Datasheet(HTML) 5 Page - National Semiconductor (TI)

  LM5032MTC Datasheet HTML 1Page - National Semiconductor (TI) LM5032MTC Datasheet HTML 2Page - National Semiconductor (TI) LM5032MTC Datasheet HTML 3Page - National Semiconductor (TI) LM5032MTC Datasheet HTML 4Page - National Semiconductor (TI) LM5032MTC Datasheet HTML 5Page - National Semiconductor (TI) LM5032MTC Datasheet HTML 6Page - National Semiconductor (TI) LM5032MTC Datasheet HTML 7Page - National Semiconductor (TI) LM5032MTC Datasheet HTML 8Page - National Semiconductor (TI) LM5032MTC Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
Absolute Maximum Ratings (Note 1)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
VIN to GND
-0.3V to 105V
VCC to GND
-0.3V to 16V
RT/SYNC, RES and DCL to GND
-0.3V to 5.5V
CS Pins to GND
-0.3V to 1.25V
All other inputs to GND
-0.3V to 7V
ESD Rating (Note 5)
Human Body Model
2kV
Storage Temperature Range
-55˚C to 150˚C
Junction Temperature
150˚C
Lead Temperature (Soldering 4 sec),
(Note 2)
260˚C
Operating Ratings (Note 1)
VIN Voltage
13.0V to 100V
External Voltage Applied to VCC
8V to 15V
Operating Junction Temperature
-40˚C to +125˚C
Electrical Characteristics
Specifications with standard typeface are for T
J = 25˚C, and those with boldface type apply over full Operating Junction
Temperature range. VIN = 48V, VCC = 10V externally applied, R
T =RDCL = 42.2k
Ω, UVLO = 1.5V, unless otherwise
stated (Note 3) and (Note 4).
Symbol
Parameter
Conditions
Min
Typ
Max
Units
Startup Regulator (VIN, VCC Pins)
V
CCReg
V
CC voltage
Ext. supply disconnected.
7.4
7.7
8
V
I
CC(Lim)
V
CC current limit
VCC = 0V.
19
22
mA
V
CC UVT
V
CC Under-voltage threshold
(V
CC increasing)
Ext. supply disconnected, VIN =11V.
VCC -
300 mV
VCC -
100 mV
V
V
CC decreasing
5.5
6.2
6.9
V
I
IN
Startup regulator current
VIN = 90V, UVLO = 0V
500
600
µA
I
CCIn
Supply current into VCC
from external source
Output loads = open, V
CC = 10V
4.3
7
mA
UVLO
UVLO
Under-voltage threshold
1.22
1.25
1.28
V
I
HYST
Hysteresis current
16
20
24
µA
Current Sense Input (CS1, CS2 Pins)
CS
Current Limit Threshold
0.45
0.5
0.55
V
CS delay to output
CS1 (CS2) taken from zero to 1.0V.
Time for OUT1 (OUT2) to fall to 90% of
VCC. Output load=0pF.
40
ns
Leading edge blanking time
at CS1 (CS2)
50
ns
CS1 (CS2) sink impedance
(clocked)
Internal pull-down FET on.
30
55
Ω
R
CS
Equivalent input resistance
at CS
CS taken from 0.2V to 0.5V, internal
FET off.
42
k
Ω
Current Limit Restart (RES Pin)
ResTh
Threshold
2.4
2.55
2.7
V
Charge source current
15
20
25
µA
Discharge sink current
7.5
10
12.5
µA
Soft-start (SS1, SS2 Pins)
I
SS
Current source (normal
operation)
35
50
65
µA
Current source during a
current limit restart
0.7
1
1.3
µA
V
SS
Open circuit voltage
5
V
www.national.com
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com