Electronic Components Datasheet Search
  English  ▼

X  

LTC1760 Datasheet(PDF) 32 Page - Linear Technology

Part # LTC1760
Description  Dual Smart Battery System Manager
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1760 Datasheet(HTML) 32 Page - Linear Technology

Back Button LTC1760 Datasheet HTML 28Page - Linear Technology LTC1760 Datasheet HTML 29Page - Linear Technology LTC1760 Datasheet HTML 30Page - Linear Technology LTC1760 Datasheet HTML 31Page - Linear Technology LTC1760 Datasheet HTML 32Page - Linear Technology LTC1760 Datasheet HTML 33Page - Linear Technology LTC1760 Datasheet HTML 34Page - Linear Technology LTC1760 Datasheet HTML 35Page - Linear Technology LTC1760 Datasheet HTML 36Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 44 page
background image
LTC1760
32
sn1760 1760is
Automatic Current Sharing
In a dual parallel charge configuration, the LTC1760 does
not actually control the current flowing into each individual
battery. The capacity, or Amp-Hour rating, of each battery
determines how the charger current is shared. This auto-
matic steering of current is what allows both batteries to
reach their full capacity points at the same time. In other
words, given all other things equal, charge termination will
happen simultaneously.
A battery can be modeled as a huge capacitor and hence
governed by the same laws.
I = C • (dV/dT) where:
–
+
CB1
CB2
CSN
1760 F07
EA
VREF
VSET
RVSET
7.2k
RVF
405.3k
∆Σ
MODULATOR
SWV
11
TO
ITH
DAC
VALUE
(11 BITS)
Figure 7. Voltage DAC Operation
–
+
1760 F08
VREF
ISET
RSET
18.77k
∆Σ
MODULATOR
10
TO
ITH
DAC
VALUE
(10 BITS)
CSET
(VCSP – VCSN)
3k
Ω
(FROM CA1 AMPLIFIER)
Figure 8. Current Dac Operation
(11/8)RVSET/(VDAC(VALUE)/2047). In regulation, VSET is
servo driven to the 0.8V reference voltage, VREF.
RSET is matched against a current derived from the voltage
between pins CSP and CSN. This current is (VCSP – VCSN)/
3k.
Therefore programmed current is:
ICHG = 0.8 VREF 3k/(RSNS RSET) • (IDAC(VALUE)/1023)
= (102.3mV/RSNS) • (IDAC(VALUE)/1023)
OPERATIO
APPLICATIO S I FOR ATIO
Capacitors CB1 and CB2 are used to average the voltage
present at the VSET pin as well as provide a zero in the
voltage loop to help stability and transient response time
to voltage variations.
10 The Current DAC Block
The current DAC is a delta-sigma modulator which
controls the effective value of an internal resistor,
RSET = 18.77k, used to program the maximum charger
current. Figure 8 is a simplified diagram of the DAC
operation. The delta-sigma modulator and switch convert
the IDAC value to a variable resistance equal to 1.25RSET/
(IDAC(VALUE)/1023). In regulation, ISET is servo driven to
the 0.8V reference voltage, VREF, and the current from
During wake-up current operation, the current DAC enters
a low current mode. The current DAC output is pulse-width
modulated with a high frequency clock having a duty cycle
value of 1/8. Therefore, the maximum output current
provided by the charger is IMAX/8. The delta-sigma output
gates this low duty cycle signal on and off. The delta-sigma
shift registers are then clocked at a slower rate, about
40ms/bit, so that the charger has time to settle to the IMAX/
8 value.
I = The current flowing through the capacitor
C = Capacity rating of battery (using amp-hour values
instead of capacitance)
dV = Change in voltage
dt = Change in time
The equivalent model of a set or parallel batteries is a set
of parallel capacitors. Since they are in parallel, the change
in voltage over change in time is the same for both
batteries one and two.
dV/dtBAT1 = dV/dtBAT2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com