Electronic Components Datasheet Search
  English  ▼

X  

LTC1760 Datasheet(PDF) 33 Page - Linear Technology

Part # LTC1760
Description  Dual Smart Battery System Manager
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1760 Datasheet(HTML) 33 Page - Linear Technology

Back Button LTC1760 Datasheet HTML 29Page - Linear Technology LTC1760 Datasheet HTML 30Page - Linear Technology LTC1760 Datasheet HTML 31Page - Linear Technology LTC1760 Datasheet HTML 32Page - Linear Technology LTC1760 Datasheet HTML 33Page - Linear Technology LTC1760 Datasheet HTML 34Page - Linear Technology LTC1760 Datasheet HTML 35Page - Linear Technology LTC1760 Datasheet HTML 36Page - Linear Technology LTC1760 Datasheet HTML 37Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 44 page
background image
LTC1760
33
sn1760 1760is
Setting Input Current Limit
To set the input current limit, you need to know the
minimum wall adapter current rating. Subtract 5% for the
input current limit tolerance and use that current to deter-
mine the resistor value.
RCL = 100mV/ILIM
ILIM = Adapter Min Current
– (Adapter Min Current • 5%)
As is often the case, the wall adapter will usually have at
least a +10% current limit margin and many times one can
simply set the adapter current limit value to the actual
adapter rating (see Table 1).
Table 1. Common RCL Resistor Values
Adapter
RCL Value*
RCL Power
RCL Power
Rating A
(
Ω) 1%
Dissipation (W)
Rating (W)
1.5
0.06
0.135
0.25
1.8
0.05
0.162
0.25
2
0.045
0.18
0.25
2.3
0.039
0.206
0.25
2.5
0.036
0.225
0.5
2.7
0.033
0.241
0.5
3
0.030
0.27
0.5
*Values shown above are rounded to nearest standard value.
Extending System to More than 2 Batteries
The LTC1760 can be extended to manage systems with
more than 3 sources of power. Contact Linear Technology
Applications Engineering for more information.
Charge Termination Issues
Batteries with constant-current charging and voltage-
based charger termination might experience problems
From here we can simplify.
IBAT1/CBAT1 = dV/dt = IBAT2/CBAT2
IBAT2 = IBAT1 CBAT2/CBAT1
At this point you can see that the current divides as the ratio
of the two batteries capacity ratings. The sum of the
current into both batteries is the same as the current being
supply by the charger. This is independent of the mode of
the charger (CC or CV).
ICHRG = IBAT1 + IBAT2
From here we solve for the actual current for each battery.
IBAT2 = ICHRG CBAT2/(CBAT1 + CBAT2)
IBAT1 = ICHRG CBAT1/(CBAT1 + CBAT2)
Please note that the actual observed current sharing will
vary from manufactures claimed capacity ratings since it
is actual physical capacity rating at the time of charge.
Capacity rating will change with age and use and hence the
current sharing ratios can change over time.
Adapter Limiting
An important feature of the LTC1760 is the ability to
automatically adjust charging current to a level which
avoids overloading the wall adapter. This allows the prod-
uct to operate at the same time that batteries are being
charged without complex load management algorithms.
Additionally, batteries will automatically be charged at the
maximum possible rate of which the adapter is capable.
This feature is created by sensing total adapter output
current and adjusting charging current downward if a
preset adapter current limit is exceeded. True analog
control is used, with closed loop feedback ensuring that
adapter load current remains within limits. Amplifier CL1
in Figure 9 senses the voltage across RCL, connected
between the CLP and DCIN pins. When this voltage ex-
ceeds 100mV, the amplifier will override programmed
charging current to limit adapter current to 100mV/RCL. A
lowpass filter formed by 5k
Ω and 0.1µF is required to
eliminate switching noise. If the current limit is not used,
CLP should be connected to DCIN.
Figure 9.
100mV
–
+
5k
Ω
CLP
DCIN
1760 F09
0.1
µF
+
RCL*
CIN
VIN
CL1
AC ADAPTER
INPUT
*RCL =
100mV
ADAPTER CURRENT LIMIT
+
APPLICATIO S I FOR ATIO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com