Electronic Components Datasheet Search
  English  ▼

X  

LTC1760 Datasheet(PDF) 5 Page - Linear Technology

Part # LTC1760
Description  Dual Smart Battery System Manager
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1760 Datasheet(HTML) 5 Page - Linear Technology

  LTC1760 Datasheet HTML 1Page - Linear Technology LTC1760 Datasheet HTML 2Page - Linear Technology LTC1760 Datasheet HTML 3Page - Linear Technology LTC1760 Datasheet HTML 4Page - Linear Technology LTC1760 Datasheet HTML 5Page - Linear Technology LTC1760 Datasheet HTML 6Page - Linear Technology LTC1760 Datasheet HTML 7Page - Linear Technology LTC1760 Datasheet HTML 8Page - Linear Technology LTC1760 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 44 page
background image
LTC1760
5
sn1760 1760is
ELECTRICAL CHARACTERISTICS The q denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VDCIN = 20V, VBAT1 = 12V, VBAT2 = 12V, VVDDS = 3.3V, VVCC2 = 5.2V
unless otherwise noted.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
tONPI
Gate B1I/B2I/DCI Turn-On Time
VGS < –3V, CLOAD = 3000pF (Note 4)
300
µs
tOFFPI
Gate B1I/B2I/DCI Turn-Off Time
VGS > –1V, CLOAD = 3000pF (Note 4)
10
µs
VPONI
Input Gate Clamp Voltage
ILOAD = 1µA
GB1I
Highest (VBAT1 or VSCP) – VGB1I
4.75
6.7
7.5
V
GB2I
Highest (VBAT2 or VSCP) – VGB2I
4.75
6.7
7.5
V
GDCI
Highest (VDCIN or VSCP) – VGDCI
4.75
6.7
7.5
V
VPOFFI
Input Gate Off Voltage
ILOAD = –25µA
GB1I
Highest (VBAT1 or VSCP) – VGB1I
0.18
0.25
V
GB2I
Highest (VBAT2 or VSCP) – VGB2I
0.18
0.25
V
GDCI
Highest (VDCIN or VSCP) – VGDCI
0.18
0.25
V
Thermistor
Thermistor Trip
CLOAD(MAX) = 300pF (Note 9)
q
95
100
105
k
Ω
(COLD-RANGE/OVER-RANGE)
R1A = R2A = 1130
Ω ±1%
R1B = R2B = 54900
Ω ±1%
Thermistor Trip
CLOAD(MAX) = 300pF (Note 9)
q
28.5
30
32.5
k
Ω
(IDEAL-RANGE /COLD-RANGE)
R1A = R2A = 1130
Ω ±1%
R1B = R2B = 54900
Ω ±1%
Thermistor Trip
CLOAD(MAX) = 300pF (Note 9)
q
2.85
3
3.15
k
Ω
(HOT-RANGE /IDEAL-RANGE)
R1A = R2A = 1130
Ω ±1%
R1B = R2B = 54900
Ω ±1%
Thermistor Trip
CLOAD(MAX) = 300pF (Note 9)
q
425
500
575
Ω
(UNDER-RANGE /HOT-RANGE)
R1A = R2A = 1130
Ω ±1%
R1B = R2B = 54900
Ω ±1%
Logic Levels
SCL/SCL1/SCL2/SDA/SDA1/
q
0.8
V
SDA2 Input Low Voltage (VIL)
SCL/SCL1/SCL2/SDA/SDA1/
q
2.1
V
SDA2 Input High Voltage (VIH)
SCL/SCL1/SCL2/SDA/SDA1/
VSDA, VSCL, VSDA1, VSCL1,
q
–5
5
µA
SDA2 Input Leakage Current
VSDA2, VSCL2 = 0.8V
SCL/SCL1/SCL2/SDA/SDA1/
VSDA, VSCL, VSDA1, VSCL1, VSDA2,
q
–5
5
µA
SDA2 Input Leakage Current
VSCL2 = 2.1V
IPULLUP
SCL1/SDA1/SCL2/SDA2 Pull-Up
VSCL1 = VSDA1 = VSCL2 = VSDA2 = 0.4V
165
220
350
µA
Current When Not Connected to
VVCC2 = 4.85V and 5.55V (Current is Through
SMBus Host.
Internal Series Resistor and Schottky to VCC2)
SCL1/SDA1/SCL2/SDA2
VSDA1, VSCL1, VSDA2, VSCL2 = 0.8V
q
300
Ω
Series Impedance to Host SMBus.
SCL/SDA Output Low Voltage (VOL).
IPULLUP = 350µA
q
0.4
V
LTC1760 Driving the Pin.
SCL1/SDA1/SCL2/SDA2 Pullup
IPULLUP Internal to LTC1760
q
0.4
V
Output Low Voltage (VOL).
LTC1760 Driving the Pin with Battery
SMBus not Connected to Host SMBus.
SCL1/SDA1/SCL2/SDA2
IPULLUP = 350µA on Host Side
q
0.4
V
Output Low Voltage (VOL).
LTC1760 Driving the Pin with Battery
SMBus Connected to Host SMBus



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com