Electronic Components Datasheet Search
  English  ▼

X  

LTC1760 Datasheet(PDF) 6 Page - Linear Technology

Part # LTC1760
Description  Dual Smart Battery System Manager
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1760 Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC1760 Datasheet HTML 2Page - Linear Technology LTC1760 Datasheet HTML 3Page - Linear Technology LTC1760 Datasheet HTML 4Page - Linear Technology LTC1760 Datasheet HTML 5Page - Linear Technology LTC1760 Datasheet HTML 6Page - Linear Technology LTC1760 Datasheet HTML 7Page - Linear Technology LTC1760 Datasheet HTML 8Page - Linear Technology LTC1760 Datasheet HTML 9Page - Linear Technology LTC1760 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 44 page
background image
LTC1760
6
sn1760 1760is
ELECTRICAL CHARACTERISTICS The q denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VDCIN = 20V, VBAT1 = 12V, VBAT2 = 12V, VVDDS = 3.3V, VVCC2 = 5.2V
unless otherwise noted.
Note 1: Absolute Maximum Ratings are those values beyond which the life
of a device may be impaired.
Note 2. Battery voltage must be adequate to drive gates of power path
P-channel FET switches. This does not affect charging voltage of the
battery, which can be zero volts during wake-up charging.
Note 3. DCIN, BAT1, BAT2 are held at 12V and GDCI, GB1I, GB2I are
forced to 10.5V. SCP is set at 12V to measure source current at GDCI,
GB1I and GB2I. SCP is set at 11.9V to measure sink current at GDCI, GB1I
and GB2I.
Note 4. Extrapolated from testing with CL = 50pF.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
SCL/SCL1/SCL2/SDA/SDA1/ SDA2/
VVCC2 = 0V, VVDDS = 0V,
q
2uA
SMBALERT Power Down Leakage.
VSCL, VSCL1, VSCL2, VSDA,
VSDA1, VSDA2, VSMBALERT = 5.5V
SMBALERT Output Low Voltage (VOL)IPULLUP = 500µA
q
0.4
V
SMBALERT Output Pull-Up Current
VSMBALERT = 0.4V
3.5
10
17.5
µA
VIL_VDDS
VDDS Input Low Voltage (VIL)
q
1.5
V
VIH_VDDS
VDDS Input High Voltage (VIH)
q
2.6
V
VDDS Operating Voltage
q
3
5.5
V
VDDS Operating Current
VSCL, VSDA = VVDDS , VVDDS = 5V
18
µA
VIL_MODE
MODE Input Low Voltage (VIL)VVCC2 = 4.85V
q
VVCC2 • 0.3
V
VIH_MODE
MODE Input High Voltage (VIH)VVCC2 = 4.85V
q
VVCC2 • 0.7
V
MODE Input Current (IIH)
MODE = VVCC2 • 0.7V, VVCC2 = 4.85V
q
–1
1
µA
MODE Input Current (IIL)
MODE = VVCC2 • 0.3V, VVCC2 = 4.85V
q
–1
1
µA
Charger Timing
tTIMEOUT
Timeout for Wake-Up Charging and
q
140
175
210
sec
Controlled Charging.
tQUERY
Sampling Rate used by the LTC1760 to
1
sec
Update Charging Parameters.
SMBus Timing
SCL Serial-Clock High Period(tHIGH)
At IPULLUP = 350µA, CLOAD = 150pF (Note 8)
q
4
µs
SCL Serial-Clock Low Period (tLOW)
At IPULLUP = 350µA, CLOAD = 150pF (Note 8)
q
4.7
µs
SDA/SCL Rise Time(tr)CLOAD = 150pF, RPU = 9.31k (Note 8)
q
1000
ns
SDA/SCL Fall Time(tf)CLOAD = 150pF, RPU = 9.31k (Note 8)
q
300
ns
SMBus Accelerator Trip Voltage Range
q
0.8
1.42
V
Start-Condition Setup Time(tSU:STA)
q
4.7
µs
Start-Condition Hold Time(tHD:STA)
q
4
µs
SDA to SCL Rising-Edge
q
250
ns
Setup Time(tSU:DAT)
SDA to SCL Falling-Edge Hold Time,
q
300
ns
Slave Clocking in Data (tHD:DAT)
tTIMEOUT_SMB The LTC1760 will Release the SMBus
q
25
35
ms
and Terminate the Current Master or
Slave Command if the Command is not
Completed Before this Time
Note 5. Accuracy dependent upon external sense resistor and
compensation components.
Note 6. The LTC1760C is guaranteed to meet specified performance from
0
°C to 70°C and is designed, characterized and expected to meet specified
performance at –40
°C and 85°C, but is not tested at these extended
temperature limits.
Note 7. Charger servos to the value reported by a Voltage() query. This is
the internal cell voltage measured by the battery electronics and may be
lower than the terminal voltage. See “Operation Section 3.6” for more
information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com