Electronic Components Datasheet Search
  English  ▼

X  

MAX1844 Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAX1844
Description  High-Speed Step-Down Controller with Accurate Current Limit for Notebook Computers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1844 Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX1844 Datasheet HTML 6Page - Maxim Integrated Products MAX1844 Datasheet HTML 7Page - Maxim Integrated Products MAX1844 Datasheet HTML 8Page - Maxim Integrated Products MAX1844 Datasheet HTML 9Page - Maxim Integrated Products MAX1844 Datasheet HTML 10Page - Maxim Integrated Products MAX1844 Datasheet HTML 11Page - Maxim Integrated Products MAX1844 Datasheet HTML 12Page - Maxim Integrated Products MAX1844 Datasheet HTML 13Page - Maxim Integrated Products MAX1844 Datasheet HTML 14Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
Detailed Description
The MAX1844 buck controller is targeted for low-voltage
power supplies for notebook computers. Maxim’s propri-
etary Quick-PWM pulse-width modulator in the MAX1844
is specifically designed for handling fast load steps while
maintaining a relatively constant operating frequency
and inductor operating point over a wide range of input
voltages. The Quick-PWM architecture circumvents the
poor load-transient timing problems of fixed-frequency
current-mode PWMs while also avoiding the problems
caused by widely varying switching frequencies in con-
ventional constant-on-time and constant-off-time PWM
schemes.
5V Bias Supply (VCC and VDD)
The MAX1844 requires an external 5V bias supply in
addition to the battery. Typically, this 5V bias supply is
the notebook’s 95% efficient 5V system supply. Keeping
the bias supply external to the IC improves efficiency
and eliminates the cost associated with the 5V linear reg-
ulator that would otherwise be needed to supply the
PWM circuit and gate drivers. If stand-alone capability is
needed, the 5V supply can be generated with an exter-
nal linear regulator such as the MAX1615.
The battery and 5V bias inputs can be connected
together if the input source is a fixed 4.5V to 5.5V supply.
If the 5V bias supply is powered up prior to the
High-Speed Step-Down Controller with
Accurate Current Limit for Notebook Computers
10
______________________________________________________________________________________
VCC
UVP
VIN
7V TO 20V
5V
BIAS SUPPLY
C2
330
µF
SEE TABLE 1 FOR OTHER COMPONENT SELECTIONS.
POWER-GOOD
INDICATOR
L1
4.7
µH
VOUT
2.5V
SHDN
V+
D2
CMPSH-3
C6
3.3
µF
C7
0.1
µF
C4
0.22
µF
270k
Ω
130k
Ω
Q1
D1
R2
100k
Ω
Q2
RSENSE
15m
Ω
C5
4.7
µF
R1
20
Ω
SKIP
ILIM
ON/OFF
CONTROL
LOW-NOISE
CONTROL
DL
LX
BST
DH
CS
OUT
FB
LATCH
OVP
PGOOD
VDD
MAX1844
5V
TON
REF
GND
C1
10
µF
Figure 1. Standard Application Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com