Electronic Components Datasheet Search
  English  ▼

X  

MAX1844 Datasheet(PDF) 15 Page - Maxim Integrated Products

Part # MAX1844
Description  High-Speed Step-Down Controller with Accurate Current Limit for Notebook Computers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1844 Datasheet(HTML) 15 Page - Maxim Integrated Products

Back Button MAX1844 Datasheet HTML 11Page - Maxim Integrated Products MAX1844 Datasheet HTML 12Page - Maxim Integrated Products MAX1844 Datasheet HTML 13Page - Maxim Integrated Products MAX1844 Datasheet HTML 14Page - Maxim Integrated Products MAX1844 Datasheet HTML 15Page - Maxim Integrated Products MAX1844 Datasheet HTML 16Page - Maxim Integrated Products MAX1844 Datasheet HTML 17Page - Maxim Integrated Products MAX1844 Datasheet HTML 18Page - Maxim Integrated Products MAX1844 Datasheet HTML 19Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 24 page
background image
Power-Good Output (PGOOD)
The PGOOD window comparator continuously monitors
the output. PGOOD is actively held low in shutdown,
standby, and soft-start. After digital soft-start terminates,
PGOOD is released if the output is within 10% of the
nominal output voltage setting. Note that the PGOOD
window detector is completely independent of the over-
voltage and undervoltage protection fault detectors.
Output Overvoltage Protection
OVP controls the output overvoltage protection func-
tion. Connect OVP to VCC to disable overvoltage pro-
tection. If overvoltage protection is enabled, the output
is continuously monitored. If the output exceeds the
overvoltage protection threshold, overvoltage protec-
tion is triggered and the DL low-side gate-driver output
is forced high. This turns on the low-side MOSFET
switch to rapidly discharge the output capacitor and
reduce the output voltage.
If LATCH is high, normal operation resumes when the
overvoltage condition ends. If LATCH is low, the DL
gate-driver output remains high until OVP is brought
high, SHDN is toggled, or VCC is cycled below 1V.
When the condition that caused the overvoltage per-
sists (such as a shorted high-side MOSFET), the bat-
tery fuse will open. If overvoltage protection is enabled,
DL is kept high continuously in shutdown mode or
when UVLO is active.
Note that forcing DL high in shutdown causes the out-
put voltage to go slightly negative when energy has
been previously stored in the LC tank circuit (see the
shutdown waveforms in the Typical Operating
Characteristics). If the load cannot tolerate being
forced to a negative voltage, it may be desirable to
place a power Schottky diode across the output to act
as a reverse-polarity clamp.
Output Undervoltage Protection
UVP controls the output undervoltage protection func-
tion. Connect UVP to GND to disable undervoltage pro-
tection. The output undervoltage protection function is
similar to foldback current limiting but employs a timer
and latch rather than a variable current limit. If the output
voltage is below the undervoltage protection threshold
after the output undervoltage protection blanking time
has elapsed, the PWM is latched off and does not restart
until VCC power is cycled. SHDN is toggled, or UVP is
brought low.
Connect UVP to VCC to enable the default undervoltage
trip threshold of 70% of nominal. To select a different
threshold, drive UVP to a voltage between 0.4V and 1V
for a threshold between 40% and 100% of nominal.
High-Speed Step-Down Controller with
Accurate Current Limit for Notebook Computers
______________________________________________________________________________________
15
0.2V
2V
OUT
FB
FIXED
1.8V
TO ERROR AMP
FIXED
2.5V
MAX1844
Figure 6. Feedback Mux
DL
GND
OUT
CS
DH
FB
VBATT
VOUT
R1
R2
MAX1844
Figure 7. Setting VOUT with a Resistor-Divider



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com