Electronic Components Datasheet Search
  English  ▼

X  

TLS2205PM Datasheet(PDF) 5 Page - Texas Instruments

Part # TLS2205PM
Description  VOICE - COIL MOTOR DRIVER, SPINDLE - MOTOR DRIVER, AND VOLTAGE MONITOR
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLS2205PM Datasheet(HTML) 5 Page - Texas Instruments

  TLS2205PM Datasheet HTML 1Page - Texas Instruments TLS2205PM Datasheet HTML 2Page - Texas Instruments TLS2205PM Datasheet HTML 3Page - Texas Instruments TLS2205PM Datasheet HTML 4Page - Texas Instruments TLS2205PM Datasheet HTML 5Page - Texas Instruments TLS2205PM Datasheet HTML 6Page - Texas Instruments TLS2205PM Datasheet HTML 7Page - Texas Instruments TLS2205PM Datasheet HTML 8Page - Texas Instruments TLS2205PM Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 31 page
background image
SLFS040
– DECEMBER 1993
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
5
Terminal Functions (Continued)
TERMINAL
I/O
DESCRIPTION
SUBSYSTEM§
NAME
NO.†
NO.‡
I/O
DESCRIPTION
SUBSYSTEM§
V
39
37
O
Spindle-phase V connection
SPN
VCMA
12
11
O
VCM driver output A
VCM
VCMB
17
12
O
VCM driver output B
VCM
VCMGND
11
7, 8, 9, 10
VCM driver supply ground
VCM
VCMREF
28
23
O
VCM voltage reference
VCM
VCMVCC
18
13
VCM driver supply voltage
VCM
VDD
10
4
O
Charge-pump voltage-tripler output
SPN
VIVCM
27
22
O
VCM current-sense output (VCM = 2 V)
VCM
VPHASE
33
28
O
Spindle-back-EMF-phase voltage
SPN
W
38
35, 36
O
Spindle-phase W connection
SPN
† 56-terminal DL package
‡ 64-terminal PM package
§ SPN = spindle, VCM = voice-coil motor, VM = voltage monitor, SP = serial port
absolute maximum ratings over operating free-air temperature range (unless otherwise noted)
Motor supply voltage, SPNVCC, VCMVCC (see Note 1)
8 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Power supply voltage, AVCC, DVCC (see Note 1)
6 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Maximum voltage at U, V, W
8 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Spindle current at U, V, W
1.4 A
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
VCM current, VCMA, VCMB
0.41 A
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating virtual junction temperature, TJ
150 C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Thermal resistance (DL package): Junction-to-ambient, R JA (see Note 2)
89 C/W
. . . . . . . . . . . . . . . . . . . . .
Junction-to-case, R JC (see Note 2)
14 C/W
. . . . . . . . . . . . . . . . . . . . . . .
Thermal resistance (PM package): Junction-to-ambient, R JA (see Note 2)
71 C/W
. . . . . . . . . . . . . . . . . . . . .
Junction-to-case, R JC (see Note 2)
14 C/W
. . . . . . . . . . . . . . . . . . . . . . .
Operating free-air temperature range
0 C to 70 C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range
–55 C to 125 C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Lead temperature 1,6 mm (1/16 inch) from case for 10 seconds
250 C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
¶ Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under
“recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
NOTES:
1. All voltage values are with respect to ground.
2. The device is mounted on a printed-circuit board with 0.22 square inches of copper connected to the package tabs.
DISSIPATION RATING TABLE
PACKAGE
TA 25 C
POWER RATING
DERATING FACTOR
ABOVE TA = 25 C
TA = 70 C
POWER RATING
DL
1125 mW
9.0 mW/ C
720 mW
PM
1125 mW
9.0 mW/ C
720 mW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com