Electronic Components Datasheet Search
  English  ▼

X  

TLS2205PM Datasheet(PDF) 12 Page - Texas Instruments

Part # TLS2205PM
Description  VOICE - COIL MOTOR DRIVER, SPINDLE - MOTOR DRIVER, AND VOLTAGE MONITOR
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLS2205PM Datasheet(HTML) 12 Page - Texas Instruments

Back Button TLS2205PM Datasheet HTML 8Page - Texas Instruments TLS2205PM Datasheet HTML 9Page - Texas Instruments TLS2205PM Datasheet HTML 10Page - Texas Instruments TLS2205PM Datasheet HTML 11Page - Texas Instruments TLS2205PM Datasheet HTML 12Page - Texas Instruments TLS2205PM Datasheet HTML 13Page - Texas Instruments TLS2205PM Datasheet HTML 14Page - Texas Instruments TLS2205PM Datasheet HTML 15Page - Texas Instruments TLS2205PM Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 31 page
background image
SLFS040
– DECEMBER 1993
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
12
PRINCIPLES OF OPERATION
Figure 3 shows a block diagram of the TLS2205 retract equivalent circuit (retract mode only).
Spindle Motor
VCMB
RETSET
Vbe
CVDD
VDD
Rrset1
1
Rsvcm
RRETRACT
(or shorted)
N
U
VW
Clamp
VCM
Cret
CRET
RETOUT
NOTE: Area within the dotted line is internal to the device
VCMA
Rrset2
Rlsd
Figure 3. Retract Equivalent Circuit
spindle-driver system
The spindle-driver system is capable of
1-A output current and has a total drain-to-source on-state resistance
(2
rDS(on)) of 1.3
Soft switching on the output drivers eliminates the need for external snubbers or flyback
diodes. An internal voltage clamp circuit helps protect against flyback voltages, while internal Schottky diodes
provide a low-loss power path for the VCM retract function. Internal logic and analog detection circuitry provide
complete sequencing of the power outputs in all run modes. Support for unipolar operation is provided by
disabling the spindle high-side drivers and pulling the motor center tap to 5 V using an external pnp or PMOS
transistor. CTDRV is used to control the base of the transistor during unipolar operation and is open otherwise.
During a fault condition, the spindle-motor drivers are disabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com