Electronic Components Datasheet Search
  English  ▼

X  

TLS2205PM Datasheet(PDF) 28 Page - Texas Instruments

Part # TLS2205PM
Description  VOICE - COIL MOTOR DRIVER, SPINDLE - MOTOR DRIVER, AND VOLTAGE MONITOR
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLS2205PM Datasheet(HTML) 28 Page - Texas Instruments

Back Button TLS2205PM Datasheet HTML 23Page - Texas Instruments TLS2205PM Datasheet HTML 24Page - Texas Instruments TLS2205PM Datasheet HTML 25Page - Texas Instruments TLS2205PM Datasheet HTML 26Page - Texas Instruments TLS2205PM Datasheet HTML 27Page - Texas Instruments TLS2205PM Datasheet HTML 28Page - Texas Instruments TLS2205PM Datasheet HTML 29Page - Texas Instruments TLS2205PM Datasheet HTML 30Page - Texas Instruments TLS2205PM Datasheet HTML 31Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 28 / 31 page
background image
SLFS040
– DECEMBER 1993
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
28
APPLICATION INFORMATION
Table 8. External Components and Approximate Values
NAME
ALIAS
SUBSYSTEM†
DESCRIPTION
VALUE
R1
Ruv1
VM
External voltage-set resistor
100 k
R2
Ruv2
VM
External voltage-monitor set resistor
270 k
R3
Rrset1
SPN
Retract velocity-limit-set resistor
62 k
R4
Rrset2
SPN
Retract velocity-limit set resistor
100 k
R5
Rsvcm
VCM
VCM current-control resistor
0.33 k
R6
Rcmp
VCM
VCM frequency-compensation resistor
82 k
R7
Rcom2
SPN
Spindle commutation-control resistor
1 M
R8
Rcom1
SPN
Spindle commutation-control resistor
56 k
R9
Rspn
SPN
Spindle speed-regulator compensation resistor
470 k
R10
Rsspn
SPN
Spindle transconductance-control resistor
0.33
C1
Cuv1
VM
External voltage-set capacitor
1 F
C2
Cpor
VM
Reset-time-delay capacitor
0.02 F
C3
CVDD
VM
Charge-pump storage capacitor
0.01 F
C4
Ccmp2
VCM
VCM frequency-compensation capacitor
120 pF
C5
Ccmp1
VCM
VCM frequency-compensation capacitor
1500 pF
C6
Ccom2
SPN
Spindle commutation-delay capacitor
2000 pF
C7
Ccom1
SPN
Spindle commutation-delay capacitor
0.2 F
C8
Cspn1
SPN
Spindle-speed-regulator frequency-compensation capacitor
0.68 F
C9
Cspn2
SPN
Spindle-speed-regulator frequency-compensation capacitor
0.048 F
C10
CVCC1
All
Power-supply bypass capacitor
0.1 F
C11
CVCC2
All
Power-supply bypass capacitor
47 F
C12
CVCC3
All
Power-supply bypass capacitor
0.1 F
C13
Cret
SPN
Option filter of back-EMF-mode voltage capacitor
1 F
† SPN = spindle, VCM = voice-coil motor, VM = voltage monitor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com