Electronic Components Datasheet Search
  English  ▼

X  

TLS2205PM Datasheet(PDF) 17 Page - Texas Instruments

Part # TLS2205PM
Description  VOICE - COIL MOTOR DRIVER, SPINDLE - MOTOR DRIVER, AND VOLTAGE MONITOR
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLS2205PM Datasheet(HTML) 17 Page - Texas Instruments

Back Button TLS2205PM Datasheet HTML 13Page - Texas Instruments TLS2205PM Datasheet HTML 14Page - Texas Instruments TLS2205PM Datasheet HTML 15Page - Texas Instruments TLS2205PM Datasheet HTML 16Page - Texas Instruments TLS2205PM Datasheet HTML 17Page - Texas Instruments TLS2205PM Datasheet HTML 18Page - Texas Instruments TLS2205PM Datasheet HTML 19Page - Texas Instruments TLS2205PM Datasheet HTML 20Page - Texas Instruments TLS2205PM Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 31 page
background image
SLFS040
– DECEMBER 1993
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
17
PRINCIPLES OF OPERATION
spindle-speed control
The TLS2205 provides a frequency-locked-loop speed-control system. Figure 7 is an illustration of the
spindle-speed control loop. This system operates by generating a once-around signal from either Hall or
back-EMF state changes. This signal is then divided by either 12 (for 8-pole motor) or 18 (for 12-pole motor)
(port B bit 11). This signal is called Fspn. Fspn is a once-around spindle-motor clock. Fspn is compared to a
signal that is generated from the MTRCLK (Fref). Fref is generated by dividing the MTRCLK by 16, then dividing
again by the value stored in the spindle-reference counter (port B bits 0
–10). The Fref and Fspn signals are
compared, and the time domain error is fed to the charge pump every other rotation. The charge-pump output
is a speed error signal that is filtered by a PI filter at SPNCOMP. The output of this filter commands the spindle
current. The spindle rotation TACH output (Fspn) or the back-EMF commutation clock (NHphase) can be directly
measured at AUXOUT. AUXIN can be used to provide an external index signal for motor commutation instead
of using the speed feedback circuit. See Table 7 for a description of the spindle-motor operating modes.
Spindle rotational speed is calculated from the equation below:
fspindle = fMTRCLK/[ (16 R) + 1] [Hz]
where:
R is the value stored in port B bits 0
–11 (0 < R < 2047)
Spindle-speed regulation
1 / [( 8
R) + 1] (%)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com