Electronic Components Datasheet Search
  English  ▼

X  

STP160N4LF6 Datasheet(PDF) 7 Page - STMicroelectronics

Part # STP160N4LF6
Description  N-channel 40 V, 0.0021 mΩ typ., 120 A, STripFET™ VI DeepGATE™ Power MOSFET in a TO-220 package
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP160N4LF6 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STP160N4LF6 Datasheet HTML 3Page - STMicroelectronics STP160N4LF6 Datasheet HTML 4Page - STMicroelectronics STP160N4LF6 Datasheet HTML 5Page - STMicroelectronics STP160N4LF6 Datasheet HTML 6Page - STMicroelectronics STP160N4LF6 Datasheet HTML 7Page - STMicroelectronics STP160N4LF6 Datasheet HTML 8Page - STMicroelectronics STP160N4LF6 Datasheet HTML 9Page - STMicroelectronics STP160N4LF6 Datasheet HTML 10Page - STMicroelectronics STP160N4LF6 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
DocID026266 Rev 1
7/14
STP160N4LF6
Electrical characteristics
14
Figure 8. Capacitance variations
Figure 9. Normalized V(BR)DSS vs temperature
Figure 10. Normalized gate threshold voltage vs
temperature
Figure 11. Normalized on-resistance vs
temperature
Figure 12. Source-drain diode forward
characteristics
C
10000
1000
100
0
16
VDS(V)
(pF)
8
24
Ciss
Coss
Crss
32
AM15801v1
V(BR)DSS
-75
-25
TJ(°C)
(norm)
25
75
0.92
0.94
0.96
1.02
1.04
1.06
125
0.98
1
1.08
1.1
ID=250
µA
AM15802v1
VGS(th)
0.6
0.4
0.2
0
-75
-25
TJ(°C)
(norm)
0.8
25
75
125
ID=250
µA
1
1.2
AM15803v1
RDS(on)
1
0.5
0
-75
-25
TJ(°C)
-50
0
1.5
VGS=10V
25 50 75 100
2
(norm)
125 150
AM15804v1
VSD
0
40
ISD(A)
(V)
20
60
0.5
0.55
0.6
0.65
0.7
0.75
TJ=-55°C
TJ=150°C
TJ=25°C
80
0.8
0.9
0.85
AM15805v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com