Electronic Components Datasheet Search
  English  ▼

X  

STP160N4LF6 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STP160N4LF6
Description  N-channel 40 V, 0.0021 mΩ typ., 120 A, STripFET™ VI DeepGATE™ Power MOSFET in a TO-220 package
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP160N4LF6 Datasheet(HTML) 1 Page - STMicroelectronics

  STP160N4LF6 Datasheet HTML 1Page - STMicroelectronics STP160N4LF6 Datasheet HTML 2Page - STMicroelectronics STP160N4LF6 Datasheet HTML 3Page - STMicroelectronics STP160N4LF6 Datasheet HTML 4Page - STMicroelectronics STP160N4LF6 Datasheet HTML 5Page - STMicroelectronics STP160N4LF6 Datasheet HTML 6Page - STMicroelectronics STP160N4LF6 Datasheet HTML 7Page - STMicroelectronics STP160N4LF6 Datasheet HTML 8Page - STMicroelectronics STP160N4LF6 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
This is information on a product in full production.
April 2014
DocID026266 Rev 1
1/14
STP160N4LF6
N-channel 40 V, 0.0021 m
Ω typ., 120 A, STripFET™ VI
DeepGATE™ Power MOSFET in a TO-220 package
Datasheet - production data
Figure 1. Internal schematic diagram
Features
• R
DS(on)
* Q
g
industry benchmark
• Extremely low on-resistance R
DS(on)
• Logic level drive
• High avalanche ruggedness
• 100% avalanche tested
Applications
• Switching applications
Description
This device is an N-channel Power MOSFET
developed using the 6
th
generation of STripFET™
DeepGATE™ technology, with a new gate
structure. The resulting Power MOSFET exhibits
the lowest R
DS(on)
in all packages.
1
2
3
TAB
TO-220
Order code
VDS RDS(on) max
ID
PTOT
STP160N4LF6
40 V
0.0029
Ω
120 A
150 W
Table 1. Device summary
Order code
Marking
Package
Packaging
STP160N4LF6
160N4LF6
TO-220
Tube
www.st.com


Similar Part No. - STP160N4LF6

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STP160N3LL STMICROELECTRONICS-STP160N3LL Datasheet
393Kb / 13P
Very low on-resistance
26-Jun-2015
logo
SHENZHEN DOINGTER SEMIC...
STP160N3LL DOINGTER-STP160N3LL Datasheet
1Mb / 5P
N-Channel MOSFET uses advanced trench technology
logo
Inchange Semiconductor ...
STP160N3LL ISC-STP160N3LL Datasheet
372Kb / 2P
isc N-Channel MOSFET Transistor
logo
STMicroelectronics
STP160N75F3 STMICROELECTRONICS-STP160N75F3 Datasheet
361Kb / 13P
N-channel 75V - 3.5m ohm - 120A - TO-220 - TO-247 - D2PAK MDmesh TM low voltage Power MOSFET
07-Feb-2007
STP160N75F3 STMICROELECTRONICS-STP160N75F3 Datasheet
390Kb / 16P
N-channel 75V - 3.5m廓 - 120A - TO-220 - TO-247 - D2PAK STripFET??Power MOSFET
02-Oct-2007
More results

Similar Description - STP160N4LF6

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STP77N6F6 STMICROELECTRONICS-STP77N6F6 Datasheet
950Kb / 13P
N-channel 60 V, 0.0063 typ., 77 A STripFET VI DeepGATE Power MOSFET in a TO-220 package
23-May-2013
STP80N70F6 STMICROELECTRONICS-STP80N70F6 Datasheet
778Kb / 13P
N-channel 68 V, 0.0063 typ., 96 A STripFET VI DeepGATE Power MOSFET in TO-220 package
06-Dec-2012
STI360N4F6 STMICROELECTRONICS-STI360N4F6 Datasheet
183Kb / 11P
N-channel 40 V, 120 A STripFET™ VI DeepGATE™ Power MOSFET in I²PAK and TO-220 packages
08-Aug-2012
STI400N4F6 STMICROELECTRONICS-STI400N4F6 Datasheet
181Kb / 11P
N-channel 40 V, 120 A STripFET™ VI DeepGATE™ Power MOSFET in I²PAK and TO-220 packages
13-Aug-2012
STB140N10F4 STMICROELECTRONICS-STB140N10F4 Datasheet
380Kb / 13P
N-channel 100 V, 5.2 mΩ, 60 A TO-220, D2PAK, TO-220FP STripFET™ DeepGATE™ Power MOSFET
12-Jan-2008
STF260N4F7 STMICROELECTRONICS-STF260N4F7 Datasheet
470Kb / 11P
N-channel 40 V, 1.95 mΩ typ., 90 A, STripFET™ F7 Power MOSFET in a TO-220FP package
13-Oct-2015
STL200N45LF7 STMICROELECTRONICS-STL200N45LF7 Datasheet
892Kb / 14P
N-channel 45 V, 1.4 mΩ typ., 120 A STripFET ™ F7 Power MOSFET in a PowerFLAT™ 5x6 package
10-Jun-2016
STL285N4F7AG STMICROELECTRONICS-STL285N4F7AG Datasheet
942Kb / 15P
Automotive-grade N-channel 40 V, 0.9 mΩ typ., 120 A STripFET™ F7 Power MOSFET in a PowerFLAT™ 5x6 package
09-Jun-2016
STP180N4F6 STMICROELECTRONICS-STP180N4F6 Datasheet
680Kb / 13P
N-channel 40 V, 2.1 mΩ typ., 120 A STripFET™ F6 Power MOSFET in a TO-220 package
11-Oct-2016
STP260N4F7 STMICROELECTRONICS-STP260N4F7 Datasheet
683Kb / 13P
N-channel 40 V, 1.8 mΩ typ., 120 A STripFET™ F7 Power MOSFET in a TO-220 package
16-Jun-2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com