Electronic Components Datasheet Search
  English  ▼

X  

STP160N4LF6 Datasheet(PDF) 3 Page - STMicroelectronics

Part # STP160N4LF6
Description  N-channel 40 V, 0.0021 mΩ typ., 120 A, STripFET™ VI DeepGATE™ Power MOSFET in a TO-220 package
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP160N4LF6 Datasheet(HTML) 3 Page - STMicroelectronics

  STP160N4LF6 Datasheet HTML 1Page - STMicroelectronics STP160N4LF6 Datasheet HTML 2Page - STMicroelectronics STP160N4LF6 Datasheet HTML 3Page - STMicroelectronics STP160N4LF6 Datasheet HTML 4Page - STMicroelectronics STP160N4LF6 Datasheet HTML 5Page - STMicroelectronics STP160N4LF6 Datasheet HTML 6Page - STMicroelectronics STP160N4LF6 Datasheet HTML 7Page - STMicroelectronics STP160N4LF6 Datasheet HTML 8Page - STMicroelectronics STP160N4LF6 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
DocID026266 Rev 1
3/14
STP160N4LF6
Electrical ratings
14
1
Electrical ratings
Table 2. Absolute maximum ratings
Symbol
Parameter
Value
Unit
V
DS
Drain-source voltage
40
V
V
GS
Gate-source voltage
± 20
V
I
D
Drain current (continuous) at T
C
= 25 °C
120
A
I
D
Drain current (continuous) at T
C
= 100 °C
100
A
I
DM
(1)
1.
Pulse width is limited by safe operating area
Drain current (pulsed)
480
A
P
TOT
Total dissipation at T
C
= 25 °C
150
W
Derating factor
1
W/°C
I
AS
Avalanche current, repetitive or not-repetitive
(pulse width limited by T
jmax
)
60
A
E
AS
Single pulse avalanche energy
323
mJ
T
stg
Storage temperature
-55 to 175
°C
T
j
Operating junction temperature
Table 3. Thermal resistance
Symbol
Parameter
Value
Unit
R
thj-case
Thermal resistance junction-case max
1.0
°C/W
R
thj-a
Thermal resistance junction-ambient max
62.5
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com