Electronic Components Datasheet Search
  English  ▼

X  

STTH60RQ06 Datasheet(PDF) 6 Page - STMicroelectronics

Part # STTH60RQ06
Description  600 V, 60 A ultrafast high voltage rectifier
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTH60RQ06 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button STTH60RQ06 Datasheet HTML 2Page - STMicroelectronics STTH60RQ06 Datasheet HTML 3Page - STMicroelectronics STTH60RQ06 Datasheet HTML 4Page - STMicroelectronics STTH60RQ06 Datasheet HTML 5Page - STMicroelectronics STTH60RQ06 Datasheet HTML 6Page - STMicroelectronics STTH60RQ06 Datasheet HTML 7Page - STMicroelectronics STTH60RQ06 Datasheet HTML 8Page - STMicroelectronics STTH60RQ06 Datasheet HTML 9Page - STMicroelectronics STTH60RQ06 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
Figure 13. Junction capacitance versus reverse voltage
applied (typical values)
10
100
1000
1
10
100
1000
VR(V)
C(pF)
F =1 MHz
VOSC = 30 mVRMS
Tj = 25 °C
Figure 14. Relative variation of non-repetitive peak surge
forward current versus pulse duration (sinusoidal
waveform)
1.0
1.5
2.0
2.5
3.0
3.5
4.0
0.1
1.0
10.0
IFSM(t p) / IFSM(10 ms)
tp(ms)
Figure 15. Relative variation of non-repetitive peak surge forward current versus initial junction
temperature (sinusoidal waveform)
0.0
0.2
0.4
0.6
0.8
1.0
1.2
25
50
75
100
125
150
175
IFSM(Tj) / IFSM(25°C)
Tj(°C)
STTH60RQ06
Characteristics (curves)
DS12515 - Rev 3
page 6/13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com