Electronic Components Datasheet Search
  English  ▼

X  

STTH60RQ06 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STTH60RQ06
Description  600 V, 60 A ultrafast high voltage rectifier
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTH60RQ06 Datasheet(HTML) 1 Page - STMicroelectronics

  STTH60RQ06 Datasheet HTML 1Page - STMicroelectronics STTH60RQ06 Datasheet HTML 2Page - STMicroelectronics STTH60RQ06 Datasheet HTML 3Page - STMicroelectronics STTH60RQ06 Datasheet HTML 4Page - STMicroelectronics STTH60RQ06 Datasheet HTML 5Page - STMicroelectronics STTH60RQ06 Datasheet HTML 6Page - STMicroelectronics STTH60RQ06 Datasheet HTML 7Page - STMicroelectronics STTH60RQ06 Datasheet HTML 8Page - STMicroelectronics STTH60RQ06 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
K
A
K
A
DO-247 LL
A
K
DO-247
K
K
Features
•
High junction temperature capability
•
Ultrafast with soft recovery behavior
•
Low reverse current
•
Low thermal resistance
•
Reduced switching and conduction losses
•
ECOPACK2 compliant component
Description
The STTH60RQ06 has been developed for applications requiring a high-voltage (HV)
capability such as in secondary rectification in HV LLC full bridge topology or in high
voltage boost function.
It is ideal for switching power supplies and industrial applications, as rectification
function, or even freewheeling and clamping diode.
Product status link
STTH60RQ06
Product summary
Symbol
Value
IF(AV)
60 A
VRRM
600 V
VF(max.)
1.45 V
trr(max.)
35 ns
Tj(max.)
175 °C
600 V, 60 A ultrafast high voltage rectifier
STTH60RQ06
Datasheet
DS12515 - Rev 3 - March 2020
For further information contact your local STMicroelectronics sales office.
www.st.com


Similar Part No. - STTH60RQ06

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STTH60RQ06-M2Y STMICROELECTRONICS-STTH60RQ06-M2Y Datasheet
507Kb / 12P
Automotive 600 V, 60 A ultrafast bridge module
15-Sep-2020
STTH60RQ06-Y STMICROELECTRONICS-STTH60RQ06-Y Datasheet
216Kb / 10P
Automotive turbo 2 ultrafast high voltage rectifier
05-Apr-2018
STTH60RQ06CWL STMICROELECTRONICS-STTH60RQ06CWL Datasheet
377Kb / 11P
600 V, 2 X 30 A ultrafast high voltage rectifier
07-Feb-2023
More results

Similar Description - STTH60RQ06

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FFA60UA60DN FAIRCHILD-FFA60UA60DN Datasheet
601Kb / 5P
60 A, 600 V Ultrafast Diode
logo
ON Semiconductor
FFH60UP60S ONSEMI-FFH60UP60S Datasheet
856Kb / 9P
60 A, 600 V Ultrafast Rectifier
September 2016 Rev. 1.6
logo
STMicroelectronics
STTH30M06S STMICROELECTRONICS-STTH30M06S Datasheet
208Kb / 10P
600 V, 30 A ultrafast high voltage diode
03-Jun-2021
STTH30RQ06 STMICROELECTRONICS-STTH30RQ06 Datasheet
628Kb / 20P
600 V, 30 A ultrafast high voltage rectifier
March 2020
logo
Vishay Siliconix
VS-U5FH60FA60 VISHAY-VS-U5FH60FA60 Datasheet
161Kb / 6P
FRED Pt® Gen 5 Ultrafast Rectifier Diode, 600 V, 60 A
19-May-2022
logo
ON Semiconductor
RURG3060CC-F085 ONSEMI-RURG3060CC-F085 Datasheet
488Kb / 7P
Ultrafast Rectifier 30 A, 600 V
February, 2020 - Rev. 4
RURG3060-F085 ONSEMI-RURG3060-F085 Datasheet
5Mb / 7P
Ultrafast Rectifier 30 A, 600 V
March, 2020 - Rev. 4
logo
STMicroelectronics
STTH30RQ06L2 STMICROELECTRONICS-STTH30RQ06L2 Datasheet
460Kb / 12P
600 V, 30 A ultrafast high voltage rectifier
03-Dec-2021
STTH30RQ06L2Y STMICROELECTRONICS-STTH30RQ06L2Y Datasheet
464Kb / 12P
Automotive 600 V, 30 A ultrafast high voltage rectifier
17-Dec-2021
STTH60RQ06CWL STMICROELECTRONICS-STTH60RQ06CWL Datasheet
377Kb / 11P
600 V, 2 X 30 A ultrafast high voltage rectifier
07-Feb-2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com