Electronic Components Datasheet Search
  English  ▼

X  

STTH60RQ06 Datasheet(PDF) 10 Page - STMicroelectronics

Part # STTH60RQ06
Description  600 V, 60 A ultrafast high voltage rectifier
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTH60RQ06 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button STTH60RQ06 Datasheet HTML 5Page - STMicroelectronics STTH60RQ06 Datasheet HTML 6Page - STMicroelectronics STTH60RQ06 Datasheet HTML 7Page - STMicroelectronics STTH60RQ06 Datasheet HTML 8Page - STMicroelectronics STTH60RQ06 Datasheet HTML 9Page - STMicroelectronics STTH60RQ06 Datasheet HTML 10Page - STMicroelectronics STTH60RQ06 Datasheet HTML 11Page - STMicroelectronics STTH60RQ06 Datasheet HTML 12Page - STMicroelectronics STTH60RQ06 Datasheet HTML 13Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
Table 6. DO-247 LL package mechanical data
Ref.
Dimensions
Millimeters
Inches (for reference only)
Min.
Max.
Min.
Max.
A
4.70
5.31
0.185
0.209
A1
2.21
2.59
0.087
0.102
A2
1.50
2.49
0.059
0.098
b
0.99
1.40
0.039
0.055
b2
1.65
2.39
0.065
0.094
c
0.38
0.89
0.015
0.035
D
20.80
21.46
0.819
0.845
D1
13.08
0.515
E
15.49
16.26
0.610
0.640
e
5.44 typ.
0.214
E1
13.46
0.530
E2
3.43
3.99
0.135
0.157
L
19.81
20.32
0.780
0.800
L1
4.50
0.177
P
3.56
3.66
0.140
0.144
P1
7.06
7.39
0.278
0.291
Q
5.38
6.20
0.219
0.244
S
6.17 typ.
0.243
W
0.15
0.006
STTH60RQ06
DO-247 LL package information
DS12515 - Rev 3
page 10/13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com