Electronic Components Datasheet Search
  English  ▼

X  

STTH60RQ06 Datasheet(PDF) 4 Page - STMicroelectronics

Part # STTH60RQ06
Description  600 V, 60 A ultrafast high voltage rectifier
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTH60RQ06 Datasheet(HTML) 4 Page - STMicroelectronics

  STTH60RQ06 Datasheet HTML 1Page - STMicroelectronics STTH60RQ06 Datasheet HTML 2Page - STMicroelectronics STTH60RQ06 Datasheet HTML 3Page - STMicroelectronics STTH60RQ06 Datasheet HTML 4Page - STMicroelectronics STTH60RQ06 Datasheet HTML 5Page - STMicroelectronics STTH60RQ06 Datasheet HTML 6Page - STMicroelectronics STTH60RQ06 Datasheet HTML 7Page - STMicroelectronics STTH60RQ06 Datasheet HTML 8Page - STMicroelectronics STTH60RQ06 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
1.1
Characteristics (curves)
Figure 1. Average forward power dissipation versus
average forward current (square waveform, DO-247)
0
40
80
120
160
200
0
10
20
30
40
50
60
70
80
PF(AV)(W)
I
(A)
F(AV)
T
δ =tp/T
tp
δ = 0.05
δ = 0.1
δ = 0.2
δ = 0.5
δ = 1
Figure 2. Average forward power dissipation versus
average forward current (sinusoidal waveform, DO-247)
0
20
40
60
80
100
0
5
10
15
20
25
30
35
40
P
(W)
F( AV )
I
(
A)
F( AV )
δ = 1
δ = 0.05
δ = 0.1
δ = 0.2
δ = 0.5
Figure 3. Average forward power dissipation versus
average forward current (square waveform, DO-247 LL)
0
40
80
120
160
200
0
10
20
30
40
50
60
70
80
PF(AV)(W)
I
(A)
F(AV)
δ = 0.05
δ = 0.1
δ = 0.2
δ = 0.5
δ = 1
T
δ =tp/T
tp
Figure 4. Average forward power dissipation versus
average forward current (sinusoidal waveform, DO-247
LL)
0
40
80
120
160
200
0
10
20
30
40
50
60
70
80
90
P
(W)
F( AV )
I
(
A)
F( AV )
δ = 1
δ = 0.05
δ = 0.1
δ = 0.2
δ = 0.5
Figure 5. Forward voltage drop versus forward current
(typical values)
0.1
1.0
10.0
100.0
0.0
0.5
1.0
1.5
2.0
2.5
3.0
VF(V)
IF(A)
Tj=25 °C
Tj=150 °C
Tj=175 °C
Figure 6. Forward voltage drop versus forward current
(maximum values)
0.1
1.0
10.0
100.0
0.0
1.0
2.0
3.0
4.0
VF(V)
IF(A)
Tj=25 °C
Tj=150 °C
Tj=175 °C
STTH60RQ06
Characteristics (curves)
DS12515 - Rev 3
page 4/13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com