Electronic Components Datasheet Search
  English  ▼

X  

AM5665 Datasheet(PDF) 5 Page - BCD Semiconductor Manufacturing Limited

Part # AM5665
Description  5-CHANNEL MOTOR DRIVER FOR DVD PLAYER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AM5665 Datasheet(HTML) 5 Page - BCD Semiconductor Manufacturing Limited

  AM5665 Datasheet HTML 1Page - BCD Semiconductor Manufacturing Limited AM5665 Datasheet HTML 2Page - BCD Semiconductor Manufacturing Limited AM5665 Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AM5665 Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AM5665 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AM5665 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AM5665 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AM5665 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AM5665 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
5-CHANNEL MOTOR DRIVER FOR DVD PLAYER
AM5665
Preliminary Datasheet
5
Apr. 2005 Rev. 1. 1
BCD Semiconductor Manufacturing Limited
Ordering Information
Absolute Maximum Ratings (Note 1)
Recommended Operating Conditions
Parameter
Symbol
Value
Unit
Supply Voltage
VCC1, 2
9.6
V
ESD (HBM)
ESD
2000
V
Power Dissipation
PD
1.7
W
Storage Temperature Range
TSTG
-55 to +150
℃
Parameter
Symbol
Min
Max
Unit
Supply Voltage
VCC1
4.5
8.0
V
VCC2
4.5 to VCC1
V
Operating Temperature
TA
070
℃
Note 1: Stresses greater than those listed under "Absolute Maximum Ratings" may cause permanent damage to
the device. These are stress ratings only, and functional operation of the device at these or any other conditions
beyond those indicated under "Recommended Operating Conditions" is not implied. Exposure to "Absolute Max-
imum Ratings" for extended periods may affect device reliability.
Package
Temperature
Range
Part Number
Marking ID
Packing
Type
Tin Lead
Lead Free
Tin Lead
Lead Free
HSOP-28
0 to 70oC
AM5665M28
AM5665M28-E1
AM5665M28
AM5665M28-E1
Tube
BCD Semiconductor's Pb-free products, as designated with "E1" suffix in the part number, are RoHS compliant.
Circuit Type
Package
M28: HSOP-28
E1: Lead Free
Blank: Tin Lead
AM5665
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com