Electronic Components Datasheet Search
  English  ▼

X  

AM5665 Datasheet(PDF) 10 Page - BCD Semiconductor Manufacturing Limited

Part # AM5665
Description  5-CHANNEL MOTOR DRIVER FOR DVD PLAYER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AM5665 Datasheet(HTML) 10 Page - BCD Semiconductor Manufacturing Limited

Back Button AM5665 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AM5665 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AM5665 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AM5665 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited AM5665 Datasheet HTML 10Page - BCD Semiconductor Manufacturing Limited AM5665 Datasheet HTML 11Page - BCD Semiconductor Manufacturing Limited AM5665 Datasheet HTML 12Page - BCD Semiconductor Manufacturing Limited AM5665 Datasheet HTML 13Page - BCD Semiconductor Manufacturing Limited AM5665 Datasheet HTML 14Page - BCD Semiconductor Manufacturing Limited  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
5-CHANNEL MOTOR DRIVER FOR DVD PLAYER
AM5665
Preliminary Datasheet
10
Apr. 2005 Rev. 1. 1
BCD Semiconductor Manufacturing Limited
Typical Performance Characteristics (Continued)
Figure 13. Tray Speed Control Characteristics
4.0
4.5
5.0
5.5
6.0
6.5
7.0
7.5
8.0
0
1
2
3
4
5
6
7
8
Input Voltage V
CC1
(V)
R
VCTL
=0Ω
R
VCTL
=200Ω
R
VCTL
=400Ω
R
VCTL
=600Ω
Note 2:
For the above figures 6, 8, 10, 12, please refer to the following "Typical Application" section.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com