Electronic Components Datasheet Search
  English  ▼

X  

AM5665 Datasheet(PDF) 9 Page - BCD Semiconductor Manufacturing Limited

Part # AM5665
Description  5-CHANNEL MOTOR DRIVER FOR DVD PLAYER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AM5665 Datasheet(HTML) 9 Page - BCD Semiconductor Manufacturing Limited

Back Button AM5665 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AM5665 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AM5665 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AM5665 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AM5665 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited AM5665 Datasheet HTML 10Page - BCD Semiconductor Manufacturing Limited AM5665 Datasheet HTML 11Page - BCD Semiconductor Manufacturing Limited AM5665 Datasheet HTML 12Page - BCD Semiconductor Manufacturing Limited AM5665 Datasheet HTML 13Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
5-CHANNEL MOTOR DRIVER FOR DVD PLAYER
AM5665
Preliminary Datasheet
9
BCD Semiconductor Manufacturing Limited
Apr. 2005 Rev. 1. 1
Figure 10. Driver I/O Characteristics (Sled)
Figure 12. Driver I/O Characteristics (Loading)
-1.0
-0.8
-0.6
-0.4
-0.2
0.0
0.2
0.4
0.6
0.8
1.0
-4
-3
-2
-1
0
1
2
3
4
Input Voltage ∆V
IN
(V)
V
CC1
=V
CC2
=5V
V
BIAS
=1.65V
R
L
=12Ω
External R
IN
=10K
-2.0
-1.5
-1.0
-0.5
0.0
0.5
1.0
1.5
2.0
-4
-3
-2
-1
0
1
2
3
4
Input Voltage ∆V
IN
(V)
V
CC1
=V
CC2
=5V
V
BIAS
=1.65V
R
L
=12Ω
External R
IN
=15K
Typical Performance Characteristics (Continued)
Figure 9. Driver I/O Characteristics (Sled)
-0.6
-0.4
-0.2
0.0
0.2
0.4
0.6
-4
-3
-2
-1
0
1
2
3
4
Input Voltage ∆V
IN
(V)
V
CC1
=V
CC2
=5V
V
BIAS
=1.65V
R
L
=12Ω
Figure 11. Driver I/O Characteristics (Loading)
-1.0
-0.8
-0.6
-0.4
-0.2
0.0
0.2
0.4
0.6
0.8
1.0
-4
-3
-2
-1
0
1
2
3
4
Input Voltage ∆V
IN
(V)
V
CC1
=V
CC2
=5V
V
BIAS
=1.65V
R
L
=12Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com