Electronic Components Datasheet Search
  English  ▼

X  

AM5665 Datasheet(PDF) 6 Page - BCD Semiconductor Manufacturing Limited

Part # AM5665
Description  5-CHANNEL MOTOR DRIVER FOR DVD PLAYER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AM5665 Datasheet(HTML) 6 Page - BCD Semiconductor Manufacturing Limited

Back Button AM5665 Datasheet HTML 2Page - BCD Semiconductor Manufacturing Limited AM5665 Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AM5665 Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AM5665 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AM5665 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AM5665 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AM5665 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AM5665 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited AM5665 Datasheet HTML 10Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
5-CHANNEL MOTOR DRIVER FOR DVD PLAYER
AM5665
Preliminary Datasheet
6
Apr. 2005 Rev. 1. 1
BCD Semiconductor Manufacturing Limited
Electrical Characteristics
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Quiescent Current
ICC
No load
18
27
mA
Standby Current
IST
2.3
4.0
mA
Standby on Voltage
VSTON
00.5
V
Standby off Voltage
VSTOFF
2.0
5.0
V
Actuator Driver
Output Offset Current
IOO1,2
-10
+10
mA
Maximum Output Voltage
VO1,2MAX
VIN=VBIAS ± 1.5V
3.3
3.5
V
Transmission Gain
gm
VIN=VBIAS ± 0.2V
1.3
1.5
1.7
A/V
Sled Motor Driver
Output Offset Voltage
VOOSL
-100
100
mV
Maximum Output Voltage
VO3MAX
VIN=VBIAS ± 1.5V
3.3
3.5
V
Closed-Loop Voltage Gain
GVSL
VIN=VBIAS ± 0.2V
18.0
20.0
22.0
dB
Loading Motor Driver
Output Offset Voltage
VOOLD
-50
50
mV
Maximum Output Voltage
VO4MAX
VIN=VBIAS ± 5.5V
3.3
3.5
V
Closed-Loop Voltage Gain
GVLD
VIN=VBIAS ± 0.2V
14
16
18
dB
Gain Error by Polarity
△ G
VLD
012
dB
Tray Motor Driver
Output Offset Voltage
VOOTR
RL5=45Ω, RVCTL=0Ω
-50
0
50
mV
Maximum Output Voltage
VO5MAX1
RL5=45Ω, RVCTL=400Ω
1.3
1.5
1.7
V
VO5MAX2
RL5=45Ω, RVCTL=0Ω
3.8
4.0
4.2
V
Input High Level Voltage
VIH
2.0
5.0
V
Input Low Level Voltage
VIL
00.8
V
(TA=25
oC, V
CC1=VCC2=5V, VBIAS=1.65V, RL1=RL2=8Ω, RL3=RL4=12Ω, RL5=45Ω, unless otherwise specified.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com