Electronic Components Datasheet Search
  English  ▼

X  

TLV704 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # TLV704
Description  TLV704 24-V, 150-mA, 3.2-μA Quiescent Current, Low-Dropout Linear Regulator
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV704 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TLV704 Datasheet HTML 5Page - Texas Instruments TLV704 Datasheet HTML 6Page - Texas Instruments TLV704 Datasheet HTML 7Page - Texas Instruments TLV704 Datasheet HTML 8Page - Texas Instruments TLV704 Datasheet HTML 9Page - Texas Instruments TLV704 Datasheet HTML 10Page - Texas Instruments TLV704 Datasheet HTML 11Page - Texas Instruments TLV704 Datasheet HTML 12Page - Texas Instruments TLV704 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 29 page
background image
6.6 Typical Characteristics (continued)
at operating temperature TJ = 25°C, VIN = VOUT(NOM) + 1.0 V or 2.5 V (whichever is greater), IOUT = 1 mA, CIN = 1 µF, and
COUT = 1 µF (unless otherwise noted)
120
100
80
60
40
20
0
2.5
2.6
2.7
2.8
2.9
3
3.1
3.2
3.3
Input Voltage (V)
-40 C
+85 C
+25 C
°
°
°
I
= 10 mA
OUT
Figure 6-7. Dropout Voltage vs Input Voltage (TLV70433) for
Legacy Chip
Input Voltage (V)
2.5
2.6
2.7
2.8
2.9
3
3.1
3.2
3.3
0
20
40
60
80
100
120
IOUT = 10mA
-55°C
-40°C
0°C
25°C
85°C
125°C
150°C
Figure 6-8. Dropout Voltage vs Input Voltage (TLV70433) for
New Chip
2100
1800
1500
1200
900
600
300
0
0
30
60
90
120
150
Output Current (mA)
-40 C
+85 C
+25 C
°
°
°
Figure 6-9. Dropout Voltage vs Output Current for Legacy Chip
Output Current (mA)
0
30
60
90
120
150
0
300
600
900
1200
1500
1800
2100
-55°C
-40°C
0°C
25°C
85°C
125°C
150°C
Figure 6-10. Dropout Voltage vs Output Current for New Chip
Junction Temperature (°C)
-40 -25 -10
5
20
35
50
65
80
95
110 125
4.5
4
3.5
3
2.5
2
V
= 4.3 V
V
= 3.3 V
I
= 1 F
m
IN
OUT
OUT
Figure 6-11. Ground Current vs Junction Temperature for
Legacy Chip
Junction Temperature (
C)
-55
-25
5
35
65
95
125
150
2
2.5
3
3.5
4
4.5
VIN = 4.3V
VOUT = 3.3V
COUT = 1F
Figure 6-12. Ground Current vs Junction Temperature for
New Chip
www.ti.com
TLV704
SBVS148E – SEPTEMBER 2010 – REVISED DECEMBER 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
9
Product Folder Links: TLV704



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com