Electronic Components Datasheet Search
  English  ▼

X  

TLV704 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TLV704
Description  TLV704 24-V, 150-mA, 3.2-μA Quiescent Current, Low-Dropout Linear Regulator
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV704 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TLV704 Datasheet HTML 7Page - Texas Instruments TLV704 Datasheet HTML 8Page - Texas Instruments TLV704 Datasheet HTML 9Page - Texas Instruments TLV704 Datasheet HTML 10Page - Texas Instruments TLV704 Datasheet HTML 11Page - Texas Instruments TLV704 Datasheet HTML 12Page - Texas Instruments TLV704 Datasheet HTML 13Page - Texas Instruments TLV704 Datasheet HTML 14Page - Texas Instruments TLV704 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 29 page
background image
6.6 Typical Characteristics (continued)
at operating temperature TJ = 25°C, VIN = VOUT(NOM) + 1.0 V or 2.5 V (whichever is greater), IOUT = 1 mA, CIN = 1 µF, and
COUT = 1 µF (unless otherwise noted)
8
7
6
5
4
3
2
1
0
100
1 k
10 k
100 k
Frequency (Hz)
V
= 4.3 V
V
= 3.3 V
C
= 1 F
IN
OUT
OUT
m
I
= 50 mA
OUT
I
= 1 mA
OUT
Figure 6-19. Output Spectral Noise Density vs Frequency for
Legacy Chip
f - Frequency - Hz
1x101
1x102
1x103
1x104
1x105
1x106
1x107
0.001
0.002
0.005
0.01
0.02
0.05
0.1
0.2
0.5
1
2
5
10
20
20
Integrated Noise from
200Hz to 100KHz
1mA : 473
VRMS
50mA : 565
VRMS
1mA
50mA
Figure 6-20. Output Spectral Noise Density vs Frequency for
New Chip
V
= 4.3 V
V
= 3.3 V
C
= 10 F
T = +25 C
IN
OUT
OUT
m
J
°
I
= 50 mA
OUT
I
= 1 mA
OUT
100
90
80
70
60
50
40
30
20
10
0
10
100
1 k
10 k
100 k
1 M
10 M
Frequency (Hz)
Figure 6-21. Power-Supply Ripple Rejection vs Frequency for
Legacy Chip
f - Frequency (Hz)
1x101
1x102
1x103
1x104
1x105
1x106
1x107
0
10
20
30
40
50
60
70
80
90
100
VIN = 4.3V
VOUT = 3.3V
COUT = 10F
TJ = 25C
1mA
50mA
Figure 6-22. Power-Supply Ripple Rejection vs Frequency for
New Chip
V
= 3.3 V
C
= 10 F
OUT
OUT
m
R = 66
L
W
V
IN
V
OUT
8
7
6
5
4
3
2
1
0
Time (2 ms/div)
Figure 6-23. Power Up, Power Down for Legacy Chip
t - Time - ms
0
2
4
6
8
10
12
14
16
18
20
22
0
1
2
3
4
5
6
7
8
VOUT
VIN
VOUT = 3.3V
IOUT = 50mA
COUT = 10F
Figure 6-24. Power Up, Power Down for New Chip
www.ti.com
TLV704
SBVS148E – SEPTEMBER 2010 – REVISED DECEMBER 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
11
Product Folder Links: TLV704



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com