Electronic Components Datasheet Search
  English  ▼

X  

TLV70430DBVT Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TLV70430DBVT
Description  TLV704 24-V, 150-mA, 3.2-μA Quiescent Current, Low-Dropout Linear Regulator
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV70430DBVT Datasheet(HTML) 1 Page - Texas Instruments

  TLV70430DBVT Datasheet HTML 1Page - Texas Instruments TLV70430DBVT Datasheet HTML 2Page - Texas Instruments TLV70430DBVT Datasheet HTML 3Page - Texas Instruments TLV70430DBVT Datasheet HTML 4Page - Texas Instruments TLV70430DBVT Datasheet HTML 5Page - Texas Instruments TLV70430DBVT Datasheet HTML 6Page - Texas Instruments TLV70430DBVT Datasheet HTML 7Page - Texas Instruments TLV70430DBVT Datasheet HTML 8Page - Texas Instruments TLV70430DBVT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
TLV704 24-V, 150-mA, 3.2-μA Quiescent Current, Low-Dropout Linear Regulator
1 Features
• Input voltage range:
– 2.5 V to 24 V (30 V max for new chip only)
• Available output voltage options:
– Fixed: 1.8 V, 3 V, 3.3 V, 3.6 V, and 5 V
• Output current: Up to 150 mA
• Very low IQ: 3.4 μA at 100-mA load current
• Stable with output capacitor ≥ 0.47 μF
• Overcurrent protection
• Package: 5-pin SOT-23 (DBV)
• Operating junction temperature: –40°C to +125°C
2 Applications
• Home and building automation
• Retail automation and payment
• Grid infrastructure
• Medical applications
• Lighting applications
3 Description
The TLV704 low-dropout (LDO) linear voltage
regulator is a low quiescent current device that
offers the benefits of a wide input voltage range
and low-power operation in miniaturized packaging.
Thus, the TLV704 is designed for battery-powered
applications and as a power-management attachment
to low-power microcontrollers.
The TLV704 LDO supports a low dropout of typically
850 mV at 100 mA of load current. The low quiescent
current (3.4 μA typically) is stable over the entire
range of output load current (0 mA to 150 mA). The
TLV704 also features an internal soft-start to lower the
inrush current. The built-in overcurrent limit protection
helps protect the regulator in the event of a load short
or fault.
The TLV704 is available in a 2.90-mm × 1.60-mm
SOT23-5 package, which is useful for cost-effective
board manufacturing.
Package Information(1)
PART NUMBER
PACKAGE
BODY SIZE (nom)
TLV704
DBV (SOT-23, 5)
2.90 mm × 1.60 mm
(1)
For all available packages, see the orderable addendum at
the end of the data sheet.
Output Current (mA)
0
30
60
90
120
150
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
VOUT = 3.3V
-55°C
-40°C
0°C
25°C
85°C
125°C
150°C
Figure 3-1. Quiescent Current vs Load Current for
TLV704xx (New Chip Only)
TLV70433
IN
OUT
GND
12V
1µF
CIN
COUT
Typical Application
TLV704
SBVS148E – SEPTEMBER 2010 – REVISED DECEMBER 2022
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - TLV70430DBVT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV70430DBVT TI1-TLV70430DBVT Datasheet
655Kb / 15P
24-V Input Voltage, 150-mA, Ultralow IQ Low-Dropout Regulators
TLV70430DBVT TI-TLV70430DBVT Datasheet
797Kb / 15P
24-V Input Voltage, 150-mA, Ultralow IQ Low-Dropout Regulators
TLV70430DBVT TI1-TLV70430DBVT Datasheet
896Kb / 22P
Ultralow Power Microcontrollers
TLV70430DBVT TI-TLV70430DBVT Datasheet
1Mb / 23P
TLV704 24-V Input Voltage, 150-mA, Ultralow IQ Low-Dropout Regulators
REVISED JANUARY 2015
TLV70430DBVT TI-TLV70430DBVT Datasheet
3Mb / 29P
TLV704 24-V, 150-mA, 3.2-μA Quiescent Current, Low-Dropout Linear Regulator
REVISED DECEMBER 2022
More results

Similar Description - TLV70430DBVT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS715 TI-TPS715_V01 Datasheet
3Mb / 29P
TPS715 50-mA, 24-V, 3.2-μA Quiescent Current, Low-Dropout Linear Regulator
REVISED AUGUST 2022
TPS715 TI-TPS715_V02 Datasheet
3Mb / 30P
TPS715 50-mA, 24-V, 3.2-μA Quiescent Current, Low-Dropout Linear Regulator
REVISED DECEMBER 2022
TLV704 TI-TLV704_V03 Datasheet
3Mb / 29P
TLV704 24-V, 150-mA, 3.2-μA Quiescent Current, Low-Dropout Linear Regulator
REVISED DECEMBER 2022
TLV704 TI-TLV704_V04 Datasheet
3Mb / 29P
TLV704 24-V, 150-mA, 3.2-μA Quiescent Current, Low-Dropout Linear Regulator
REVISED DECEMBER 2022
TLV709 TI-TLV709 Datasheet
4Mb / 25P
TLV709 150-mA, 30-V, 3.2-μA Quiescent Current, Low-Dropout Linear Regulator
FEBRUARY 2023
TLV709 TI-TLV709_V01 Datasheet
4Mb / 28P
TLV709 150-mA, 30-V, 3.2-μA Quiescent Current, Low-Dropout Linear Regulator
FEBRUARY 2023
TLV701 TI-TLV701 Datasheet
4Mb / 29P
TLV701 24-V, 150-mA, 3.2-μA Quiescent Current, Low-Dropout Linear Regulator
REVISED APRIL 2023
TLV704 TI-TLV704_V05 Datasheet
6Mb / 30P
TLV704 24-V, 150-mA, 3.2-μA Quiescent Current, Low-Dropout Linear Regulator
REVISED MARCH 2023
TLV709 TI-TLV709_V02 Datasheet
4Mb / 30P
TLV709 150-mA, 30-V, 3.2-μA Quiescent Current, Low-Dropout Linear Regulator
REVISED MAY 2023
TLV709 TI1-TLV709_V03 Datasheet
4Mb / 31P
TLV709 150-mA, 30-V, 3.2-μA Quiescent Current, Low-Dropout Linear Regulator
REVISED JUNE 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com