Electronic Components Datasheet Search
  English  ▼

X  

TLV70430DBVT Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # TLV70430DBVT
Description  TLV704 24-V, 150-mA, 3.2-μA Quiescent Current, Low-Dropout Linear Regulator
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV70430DBVT Datasheet(HTML) 14 Page - Texas Instruments

Back Button TLV70430DBVT Datasheet HTML 10Page - Texas Instruments TLV70430DBVT Datasheet HTML 11Page - Texas Instruments TLV70430DBVT Datasheet HTML 12Page - Texas Instruments TLV70430DBVT Datasheet HTML 13Page - Texas Instruments TLV70430DBVT Datasheet HTML 14Page - Texas Instruments TLV70430DBVT Datasheet HTML 15Page - Texas Instruments TLV70430DBVT Datasheet HTML 16Page - Texas Instruments TLV70430DBVT Datasheet HTML 17Page - Texas Instruments TLV70430DBVT Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 29 page
background image
7.3.4 Current Limit
The device has an internal current limit circuit that protects the regulator during transient high-load current faults
or shorting events. The current limit is a brick-wall scheme. In a high-load current fault, the brick-wall scheme
limits the output current to the current limit (ICL). ICL is listed in the Electrical Characteristics table.
The output voltage is not regulated when the device is in current limit. When a current limit event occurs, the
device begins to heat up because of the increase in power dissipation. When the device is in brick-wall current
limit, the pass transistor dissipates power [(VIN – VOUT) × ICL]. For more information on current limits, see the
Know Your Limits application note.
Figure 7-1 shows a diagram of the current limit.
0V
0mA
IRATED
ICL
IOUT
VOUT
Brickwall
VOUT(nom)
Figure 7-1. Current Limit
TLV704
SBVS148E – SEPTEMBER 2010 – REVISED DECEMBER 2022
www.ti.com
14
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: TLV704



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com