Electronic Components Datasheet Search
  English  ▼

X  

TLV70430DBVT Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # TLV70430DBVT
Description  TLV704 24-V, 150-mA, 3.2-μA Quiescent Current, Low-Dropout Linear Regulator
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV70430DBVT Datasheet(HTML) 13 Page - Texas Instruments

Back Button TLV70430DBVT Datasheet HTML 9Page - Texas Instruments TLV70430DBVT Datasheet HTML 10Page - Texas Instruments TLV70430DBVT Datasheet HTML 11Page - Texas Instruments TLV70430DBVT Datasheet HTML 12Page - Texas Instruments TLV70430DBVT Datasheet HTML 13Page - Texas Instruments TLV70430DBVT Datasheet HTML 14Page - Texas Instruments TLV70430DBVT Datasheet HTML 15Page - Texas Instruments TLV70430DBVT Datasheet HTML 16Page - Texas Instruments TLV70430DBVT Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 29 page
background image
7 Detailed Description
7.1 Overview
The TLV704 low-dropout regulator (LDO) consumes only 3.4 μA of quiescent current across the entire output
current range, and offers a wide input voltage range and low-dropout voltage in a small package. The device,
which operates over an input range of 2.5 V to 24 V, is stable with any output capacitor greater than or equal
to 0.47 μF. The low quiescent current across the complete load current range makes the TLV704 designed
for powering battery-operated applications. The TLV704 has internal soft-start to control inrush current into the
output capacitor. This LDO also has overcurrent protection during a load-short or fault condition on the output.
7.2 Functional Block Diagram
Bandgap
Reference
Current
Sense
Leakage Null
Control Circuit
GND
ILIM
VREF = 1.205 V
GND
GND
V(IN)
V(OUT)
GND
7.3 Feature Description
7.3.1 Wide Supply Range
This device has an operational input supply range of 2.5 V to 24 V, allowing for a wide range of applications. This
wide supply range is designed for applications that have either large transients or high DC voltage supplies.
7.3.2 Low Quiescent Current
This device only requires 3.4 μA (typical) of quiescent current across the complete load current range (0 mA to
150 mA) and has a maximum current consumption of 4.5 μA (for new device only) at –40°C to +125°C.
7.3.3 Dropout Voltage (VDO)
Dropout voltage (VDO) is defined as the input voltage minus the output voltage (VIN – VOUT) at the rated output
current (IRATED), where the pass transistor is fully on. IRATED is the maximum IOUT listed in the Recommended
Operating Conditions table. In dropout operation, the pass transistor is in the ohmic or triode region of operation,
and acts as a switch. The dropout voltage indirectly specifies a minimum input voltage greater than the nominal
programmed output voltage at which the output voltage is expected to stay in regulation. If the input voltage falls
to less than the value required to maintain output regulation, the output voltage falls as well.
For a CMOS regulator, the dropout voltage is determined by the drain-source, on-state resistance (RDS(ON)) of
the pass transistor. Therefore, if the linear regulator operates at less than the rated current, the dropout voltage
for that current scales accordingly. Use Equation 1 to calculate the RDS(ON) of the device.
RDSON =  VDOIRATED
(1)
www.ti.com
TLV704
SBVS148E – SEPTEMBER 2010 – REVISED DECEMBER 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
13
Product Folder Links: TLV704



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com