Electronic Components Datasheet Search
  English  ▼

X  

TLV70430DBVT Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # TLV70430DBVT
Description  TLV704 24-V, 150-mA, 3.2-μA Quiescent Current, Low-Dropout Linear Regulator
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV70430DBVT Datasheet(HTML) 17 Page - Texas Instruments

Back Button TLV70430DBVT Datasheet HTML 13Page - Texas Instruments TLV70430DBVT Datasheet HTML 14Page - Texas Instruments TLV70430DBVT Datasheet HTML 15Page - Texas Instruments TLV70430DBVT Datasheet HTML 16Page - Texas Instruments TLV70430DBVT Datasheet HTML 17Page - Texas Instruments TLV70430DBVT Datasheet HTML 18Page - Texas Instruments TLV70430DBVT Datasheet HTML 19Page - Texas Instruments TLV70430DBVT Datasheet HTML 20Page - Texas Instruments TLV70430DBVT Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 29 page
background image
8.2.2.3 Reverse Current
Excessive reverse current can damage this device. Reverse current flows through the intrinsic body diode of the
PMOS pass transistor instead of the normal conducting channel. At high magnitudes, this current flow degrades
the long-term reliability of the device.
Conditions where reverse current can occur are outlined in this section, all of which can exceed the absolute
maximum rating of VOUT ≤ VIN + 0.3 V. These conditions are:
• If the device has a large COUT and the input supply collapses with little or no load current
• The output is biased when the input supply is not established
• The output is biased above the input supply
If reverse current flow is expected in the application, external protection is recommended to protect the device.
Reverse current is not limited in the device, so external limiting is required if extended reverse voltage operation
is anticipated. Limit reverse current to 5% or less of the rated output current of the device in the event this
current cannot be avoided.
Figure 8-2 shows one approach for protecting the device.
IN
OUT
GND
CIN
GND
GND
COUT
GND
Internal Body Diode
Schottky Diode
Figure 8-2. Example Circuit for Reverse Current Protection Using a Schottky Diode
8.2.2.4 Power Dissipation (PD)
Circuit reliability requires consideration of the device power dissipation, location of the circuit on the printed
circuit board (PCB), and correct sizing of the thermal plane. The PCB area around the regulator must have few
or no other heat-generating devices that cause added thermal stress.
To first-order approximation, power dissipation in the regulator depends on the input-to-output voltage difference
and load conditions. The following equation calculates power dissipation (PD).
PD = (VIN – VOUT) × IOUT
(2)
Note
Power dissipation can be minimized, and therefore greater efficiency can be achieved, by correct
selection of the system voltage rails. For the lowest power dissipation, use the minimum input voltage
required for correct output regulation.
For devices with a thermal pad, the primary heat conduction path for the device package is through the thermal
pad to the PCB. Solder the thermal pad to a copper pad area under the device. This pad area must contain an
array of plated vias that conduct heat to additional copper planes for increased heat dissipation.
www.ti.com
TLV704
SBVS148E – SEPTEMBER 2010 – REVISED DECEMBER 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
17
Product Folder Links: TLV704



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com