Electronic Components Datasheet Search
  English  ▼

X  

TPSM82913 Datasheet(PDF) 3 Page - Texas Instruments

Part # TPSM82913
Description  TPSM8291x 3-V to 17-V, 2-A/3-A Low-Noise and Low-Ripple Buck Power Module with Integrated Ferrite Bead Filter Compensation
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPSM82913 Datasheet(HTML) 3 Page - Texas Instruments

  TPSM82913 Datasheet HTML 1Page - Texas Instruments TPSM82913 Datasheet HTML 2Page - Texas Instruments TPSM82913 Datasheet HTML 3Page - Texas Instruments TPSM82913 Datasheet HTML 4Page - Texas Instruments TPSM82913 Datasheet HTML 5Page - Texas Instruments TPSM82913 Datasheet HTML 6Page - Texas Instruments TPSM82913 Datasheet HTML 7Page - Texas Instruments TPSM82913 Datasheet HTML 8Page - Texas Instruments TPSM82913 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 33 page
background image
5 Pin Configuration and Functions
Figure 5-1. 28-Pin QFN RDU Package (Top View)
Table 5-1. Pin Functions
PIN
I/O
DESCRIPTION
NO.
NAME
18
VIN
I
Power supply input voltage pin
1, 2, 3, 5,
6, 7, 8, 9,
16, 17,
25, 26,
28
PGND
Power ground connection
10, 11,
12, 13,
14, 15,
27
VOUT
O
Output connection. Connect recommended output capacitance from VOUT to PGND.
4
SW
NC
Switch pin of the power stage. Do not connect, leave floating.
19
PG
O
Open-drain power-good output. This pin is pulled to GND when VOUT is below the power-good threshold. It requires a pull-up
resistor to output a logic high. It can be left open or tied to GND if not used.
20
PSNS
I
Power sense ground. Connect directly to the ground plane.
21
NR/SS
O
A capacitor connected to this pin sets the soft-start time and low frequency noise level of the device.
22
FB
I
Feedback pin of the device
23
S-CONF
O
Smart Configuration pin. This pin configures the operation modes of the device. See Table 7-1.
24
EN/SYNC
I
Enable/Disable pin including threshold-comparator. Connect to logic low to disable the device. Pull high to enable the device.
This pin has an internal pull-down resistor of typically 500 kΩ when the device is disabled. Apply a clock to this pin to
synchronize the device.
www.ti.com
TPSM82913
SLVSGJ4A – OCTOBER 2022 – REVISED DECEMBER 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
3
Product Folder Links: TPSM82913



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com