Electronic Components Datasheet Search
  English  ▼

X  

TPSM82913 Datasheet(PDF) 6 Page - Texas Instruments

Part # TPSM82913
Description  TPSM8291x 3-V to 17-V, 2-A/3-A Low-Noise and Low-Ripple Buck Power Module with Integrated Ferrite Bead Filter Compensation
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPSM82913 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPSM82913 Datasheet HTML 2Page - Texas Instruments TPSM82913 Datasheet HTML 3Page - Texas Instruments TPSM82913 Datasheet HTML 4Page - Texas Instruments TPSM82913 Datasheet HTML 5Page - Texas Instruments TPSM82913 Datasheet HTML 6Page - Texas Instruments TPSM82913 Datasheet HTML 7Page - Texas Instruments TPSM82913 Datasheet HTML 8Page - Texas Instruments TPSM82913 Datasheet HTML 9Page - Texas Instruments TPSM82913 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 33 page
background image
6.5 Electrical Characteristics (continued)
Over recommended input voltage range, TJ = -40 ℃ to 125 ℃. Typical values are at Vin = 12 V andTJ = 25 ℃ (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tPG,DLY
Power good delay time
VFB falling
8
µs
OUTPUT
ton
Minimum on-time
VIN ≥ 5 V, Iout = 1 A
35
70
ns
toff
Minimum off-time
VIN ≥ 5 V, Iout = 1 A
50
60
ns
VFB
Feedback regulation accuracy
-40
℃ ≤ TJ ≤ 125℃
0.792
0.8
0.808
V
IFB,LKG
Input leakage current into FB
VFB = 0.8 V, –40℃ ≤ TJ ≤ 125℃
1
70
nA
PSRR
Power supply rejection ratio
VIN = 12 V, 1.2 VOUT, 1 A, CNR/SS = 220
nF, fsw = 1 MHz, CFF = open, COUT = 3 ×
22 µF, f ≤ 100 kHz
65
dB
VNRMS
Output voltage RMS noise
VIN = 12 V, BW = 100 Hz to 100 kHz, CNR/
SS = 220 nF, fSW = 1 MHz, VOUT = 1.2 V,
CFF = open, COUT = 3 x 22 µF
27.4
µVRMS
VNRMS
Output voltage RMS noise
VIN = 5 V, BW = 100 Hz to 100 kHz, CNR/
SS = 220 nF, fSW = 2.2 MHz, VOUT = 1.2 V,
CFF = open, COUT = 3 x 22 µF
13.3
µVRMS
Vopp
Output ripple voltage at fSW
VIN = 12 V, fSW = 1 MHz, VOUT = 1.2 V,
COUT = 3x22 µF, Lf = 10 nH, Cf = 2x22 µF
9
µVRMS
Vopp
Output ripple voltage at fSW
VIN = 5 V, fSW = 2.2 MHz, VOUT = 1.2 V,
COUT = 3x22µF, Lf = 10nH, Cf = 2x22uF
< 3
µVRMS
RDIS
Output discharge resistance
EN/SYNC = GND, VOUT = 1.2 V, VIN ≥ 5
V. See Typical Characteristics for plot.
7
Ω
RDIS
Output discharge resistance
EN/SYNC = GND, VOUT = 5 V, VIN ≥ 5 V.
See Typical Characteristics for plot.
32
Ω
fSW
Switching frequency
2.2-MHz setting
1.98
2.2
2.42
MHz
fSW
Synchronization range
2.2-MHz setting
1.9
2.2
2.42
MHz
fSW
Switching frequency
1-MHz setting
0.9
1
1.18
MHz
fSW
Synchronization range
1-MHz setting
0.86
1
1.2
MHz
DSYNC
Synchronization duty cycle
45
55
%
tsync_delay Synchronization phase delay
Phase delay from EN/SYNC rising edge
to SW rising edge
90
ns
ISWpeak
Peak switch current limit
TPSM82912(1)
2.9
3.5
4.0
A
ISWpeak
Peak switch current limit
TPSM82913
3.7
4.3
5.1
A
ISWvalley
Valley switch current limit
TPSM82912(1)
3.4
A
ISWvalley
Valley switch current limit
TPSM82913
4.2
A
Inegvalley Negative valley current limit
-1.39
-0.96
A
RDS(ON)
High-side FET on-resistance
VIN ≥ 5 V
57
95
mΩ
Low-side FET on-resistance
VIN ≥ 5 V
20
39
mΩ
(1)
Preview information
TPSM82913
SLVSGJ4A – OCTOBER 2022 – REVISED DECEMBER 2022
www.ti.com
6
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: TPSM82913



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com