Electronic Components Datasheet Search
  English  ▼

X  

TPSM82913 Datasheet(PDF) 4 Page - Texas Instruments

Part # TPSM82913
Description  TPSM8291x 3-V to 17-V, 2-A/3-A Low-Noise and Low-Ripple Buck Power Module with Integrated Ferrite Bead Filter Compensation
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPSM82913 Datasheet(HTML) 4 Page - Texas Instruments

  TPSM82913 Datasheet HTML 1Page - Texas Instruments TPSM82913 Datasheet HTML 2Page - Texas Instruments TPSM82913 Datasheet HTML 3Page - Texas Instruments TPSM82913 Datasheet HTML 4Page - Texas Instruments TPSM82913 Datasheet HTML 5Page - Texas Instruments TPSM82913 Datasheet HTML 6Page - Texas Instruments TPSM82913 Datasheet HTML 7Page - Texas Instruments TPSM82913 Datasheet HTML 8Page - Texas Instruments TPSM82913 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 33 page
background image
6 Specifications
6.1 Absolute Maximum Ratings
over operating junction temperature range (unless otherwise noted)(1)
MIN
MAX
UNIT
Voltage(2)
VIN, EN/SYNC, PG, S-CONF
–0.3
18
V
SW (DC)
–0.3
VIN + 0.3
V
SW (AC, less than 10ns)(3)
–2.5
21
V
VOUT, FB, NR/SS
–0.3
6
V
PSNS
–0.3
0.3
V
Sink Current
PG
10
mA
TJ
Junction temperature, -ET versions only
–55
125
°C
Tstg
Storage temperature
–65
125
°C
Mechanical
shock
Mil-STD-883D, Method 2002.3, 1 msec, 1/2 sine, mounted
1500
G
Mechanical
vibration
Mil-STD-883D, Method 2007.2, 20 to 2000 Hz
20
G
(1)
Operation outside the Absolute Maximum Ratings may cause permanent device damage. Absolute Maximum Ratings do not imply
functional operation of the device at these or any other conditions beyond those listed under Recommended Operating Conditions.
If used outside the Recommended Operating Conditions but within the Absolute Maximum Ratings, the device may not be fully
functional, and this may affect device reliability, functionality, performance, and shorten the device lifetime.
(2)
All voltage values are with respect to the network ground terminal
(3)
While switching
6.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human body model (HBM), per ANSI/ESDA/JEDEC JS-001,
all pins(1)
±2000
V
Charged device model (CDM), per ANSI/ESDA/JEDEC
JS-002, all pins(2)
±500
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
6.3 Recommended Operating Conditions
over operating junction temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
VIN
Input voltage
3.0
17
V
VOUT
Output voltage
0.8
5.5
V
CIN
Effective input capacitance
5
10
µF
COUT
Effective output capacitance
40
47
80
µF
Lf
Effective filter inductance
0
10
50
nH
Cf
Effective filter capacitance
20
40
160
µF
COUT + Cf
Effective total output capacitance, including first and second L-C filter
40
200
µF
IOUT
Output current for TPSM82913
0
3
A
IOUT
Output current for TPSM82912
0
2
A
TJ (1)
Junction temperature
–40
125
°C
TJ (1)
Junction temperature, -ET versions only
–55
125
°C
(1)
Operating lifetime is derated at junction temperatures above 125°C.
TPSM82913
SLVSGJ4A – OCTOBER 2022 – REVISED DECEMBER 2022
www.ti.com
4
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: TPSM82913



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com