Electronic Components Datasheet Search
  English  ▼

X  

TPSM82913 Datasheet(PDF) 1 Page - Texas Instruments

Part # TPSM82913
Description  TPSM8291x 3-V to 17-V, 2-A/3-A Low-Noise and Low-Ripple Buck Power Module with Integrated Ferrite Bead Filter Compensation
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPSM82913 Datasheet(HTML) 1 Page - Texas Instruments

  TPSM82913 Datasheet HTML 1Page - Texas Instruments TPSM82913 Datasheet HTML 2Page - Texas Instruments TPSM82913 Datasheet HTML 3Page - Texas Instruments TPSM82913 Datasheet HTML 4Page - Texas Instruments TPSM82913 Datasheet HTML 5Page - Texas Instruments TPSM82913 Datasheet HTML 6Page - Texas Instruments TPSM82913 Datasheet HTML 7Page - Texas Instruments TPSM82913 Datasheet HTML 8Page - Texas Instruments TPSM82913 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 33 page
background image
TPSM8291x 3-V to 17-V, 2-A/3-A Low-Noise and Low-Ripple Buck Power Module with
Integrated Ferrite Bead Filter Compensation
1 Features
• Low output noise < 20 µVRMS
(100 Hz to 100 kHz)
• Low output voltage ripple < 10 µVRMS after ferrite
bead
• High PSRR of > 65 dB (up to 100 kHz)
• 2.2-MHz or 1-MHz fixed frequency peak current
mode control
• Synchronizable with external clock (optional)
• Integrated loop compensation supports ferrite
bead for second stage L-C filter with 30-dB
attenuation (optional)
• Spread spectrum modulation (optional)
• 3.0-V to 17-V input voltage range
• 0.8-V to 5.5-V output voltage range
• 57-mΩ/20-mΩ RDSon
• Output voltage accuracy of ±1%
• Precise enable input allows
– User-defined undervoltage lockout
– Exact sequencing
• Adjustable soft start
• Power-good output
• Output discharge (optional)
• –40°C to 125°C junction temperature range
– –55°C to 125°C for -ET versions
• Create a custom design using the TPSM8291x
with the WEBENCH® Power Designer
2 Applications
• Telecom infrastructure
• Test and measurement
• Aerospace and defense (radar, avionics)
• Medical
3 Description
The TPSM8291x devices are a family of high-
efficiency, low-noise and low-ripple current mode
synchronous buck power modules. The devices are
ideal for noise sensitive applications that would
normally use an LDO for post regulation such as
high-speed ADCs, clock and jitter cleaner, serializer,
de-serializer, and radar applications.
The devices operate at a fixed switching frequency of
2.2 MHz or 1 MHz and can be synchronized to an
external clock.
To further reduce the output voltage ripple, the device
integrates loop compensation to operate with an
optional second-stage ferrite bead L-C filter. This
feature allows an output voltage ripple below 10
µVRMS.
Low-frequency noise levels, similar to a low-noise
LDO, are achieved by filtering the internal voltage
reference with an integrated capacitor on the NR/SS
pin. An external capacitor can be added to the module
for additional filtering.
The optional spread spectrum modulation scheme
spreads the DC/DC switching frequency over a wider
span, which lowers the mixing spurs.
Device Information
DEVICE NAME
OUTPUT
CURRENT
PACKAGE
(1)
BODY SIZE
(NOM)
TPSM82912
(2),
TPSM82912-ET
(2)
2 A
RDU (QFN,
28)
4.50 mm × 5.50
mm × 1.80 mm
TPSM82913,
TPSM82913-ET
(2)
3 A
(1)
For all available packages, see the orderable addendum at
the end of the data sheet.
(2)
Product preview.
Frequency (Hz)
1x101
1x102
1x103
1x104
1x105
1x1063x106
0.0005
0.001
0.002
0.005
0.01
0.02
0.05
0.1
0.2
0.5
1
2
5
10
CNRSS = open, 19.6 VRMS
CNRSS = 220 nF, 17 VRMS
CNRSS = 470 nF, 16.6 VRMS
CNRSS = 2.2 F, 16.3 VRMS
Output Noise Versus Frequency
Vout
3.3 V / 3 A
Vin
12 V
VIN
EN/SYNC
S-CONF
CIN
10 µF
3x
22 µF
FB
PG
NR/SS
OUT
4.87 k
15.4 k
22 µF
PGND
10 nH
Typical Application
TPSM82913
SLVSGJ4A – OCTOBER 2022 – REVISED DECEMBER 2022
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. UNLESS OTHERWISE NOTED, this document contains PRODUCTION
DATA.


Similar Part No. - TPSM82913

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPSM82913 TI-TPSM82913 Datasheet
3Mb / 34P
TPSM8291x 3-V to 17-V, 2-A/3-A Low-Noise and Low-Ripple Buck Power Module with Integrated Ferrite Bead Filter Compensation
REVISED DECEMBER 2022
TPSM82913 TI-TPSM82913 Datasheet
4Mb / 37P
TPSM8291x 3-V to 17-V, 2-A/3-A Low-Noise and Low-Ripple Buck Power Module with Integrated Ferrite Bead Filter Compensation
REVISED MAY 2023
TPSM82913 TI1-TPSM82913 Datasheet
4Mb / 37P
TPSM8291x 3-V to 17-V, 2-A/3-A Low-Noise and Low-Ripple Buck Power Module with Integrated Ferrite Bead Filter Compensation
REVISED JULY 2023
TPSM82913-ET TI-TPSM82913-ET Datasheet
3Mb / 34P
TPSM8291x 3-V to 17-V, 2-A/3-A Low-Noise and Low-Ripple Buck Power Module with Integrated Ferrite Bead Filter Compensation
REVISED DECEMBER 2022
TPSM82913E TI-TPSM82913E Datasheet
4Mb / 37P
TPSM8291x 3-V to 17-V, 2-A/3-A Low-Noise and Low-Ripple Buck Power Module with Integrated Ferrite Bead Filter Compensation
REVISED MAY 2023
More results

Similar Description - TPSM82913

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62912 TI-TPS62912 Datasheet
3Mb / 36P
TPS6291x 3-V to 17-V, 2-A/3-A Low Noise and Low Ripple Buck Converter with Integrated Ferrite Bead Filter Compensation
TPSM82903 TI-TPSM82903 Datasheet
4Mb / 42P
TPSM82903, 3-A, 3-V to 17-V, High Efficiency and Low IQ Buck Converter Module in a MicroSiPTM Package with an Integrated Inductor
FEBRUARY 2022
TPSM82903 TI-TPSM82903_V01 Datasheet
4Mb / 41P
TPSM82903, 3-A, 3-V to 17-V, High Efficiency and Low IQ Buck Converter Module in a MicroSiPTM Package with an Integrated Inductor
REVISED NOVEMBER 2022
TPSM82902 TI-TPSM82902 Datasheet
4Mb / 43P
TPSM82902, 2-A, 3-V to 17-V, High Efficiency and Low IQ Buck Converter Module in a MicroSiPTM Package with an Integrated Inductor
NOVEMBER 2022
TPSM82913 TI-TPSM82913_V01 Datasheet
3Mb / 34P
TPSM8291x 3-V to 17-V, 2-A/3-A Low-Noise and Low-Ripple Buck Power Module with Integrated Ferrite Bead Filter Compensation
REVISED DECEMBER 2022
TPSM82913 TI-TPSM82913_V02 Datasheet
4Mb / 37P
TPSM8291x 3-V to 17-V, 2-A/3-A Low-Noise and Low-Ripple Buck Power Module with Integrated Ferrite Bead Filter Compensation
REVISED MAY 2023
TPSM82912 TI1-TPSM82912 Datasheet
4Mb / 37P
TPSM8291x 3-V to 17-V, 2-A/3-A Low-Noise and Low-Ripple Buck Power Module with Integrated Ferrite Bead Filter Compensation
REVISED JULY 2023
TPS62916 TI1-TPS62916 Datasheet
1Mb / 33P
TPS6291x 3-V to 17-V, 4.5-A/6-A/8-A Low Noise and Low Ripple Buck Converter With Integrated Ferrite Bead Filter Compensation
NOVEMBER 2023
TPS62914 TI1-TPS62914 Datasheet
1Mb / 34P
TPS6291x 3-V to 17-V, 4.5-A/6-A/8-A Low Noise and Low Ripple Buck Converter With Integrated Ferrite Bead Filter Compensation
REVISED DECEMBER 2023
TPS62916E TI1-TPS62916E Datasheet
2Mb / 36P
TPS62916E 3-V to 17-V, 6-A Low Noise and Low Ripple Buck Converter With Integrated Ferrite Bead Filter Compensation
DECEMBER 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com