Electronic Components Datasheet Search
  English  ▼

X  

SLOS602 Datasheet(PDF) 46 Page - Texas Instruments

Part # SLOS602
Description  This users guide describes the characteristics, operation, and use of the TLV320AIC3204EVM-K.
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SLOS602 Datasheet(HTML) 46 Page - Texas Instruments

Back Button SLOS602 Datasheet HTML 42Page - Texas Instruments SLOS602 Datasheet HTML 43Page - Texas Instruments SLOS602 Datasheet HTML 44Page - Texas Instruments SLOS602 Datasheet HTML 45Page - Texas Instruments SLOS602 Datasheet HTML 46Page - Texas Instruments SLOS602 Datasheet HTML 47Page - Texas Instruments SLOS602 Datasheet HTML 48Page - Texas Instruments SLOS602 Datasheet HTML 49Page - Texas Instruments SLOS602 Datasheet HTML 50Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 53 page
background image
www.ti.com
Appendix G USB-MODEVM Protocol
G.1
USB-MODEVM Protocol
The USB-MODEVM is defined to be a Vendor-Specific class and is identified on the PC system as an NI-
VISA device. Because the TAS1020B has several routines in its ROM which are designed for use with
HID-class devices, HID-like structures are used, even though the USB-MODEVM is not an HID-class
device. Data is passed from the PC to the TAS1020B using the control endpoint.
Data is sent in a HIDSETREPORT (see Table 9).
Table 9. USB Control Endpoint
HIDSETREPORT Request
Part
Value
Description
bmRequestType
0x21
00100001
bRequest
0x09
SET_REPORT
wValue
0x00
don't care
wIndex
0x03
HID interface is index 3
wLength
calculated by host
Data
Data packet as described in Table 10.
The data packet consists of the following bytes, shown in Table 10:
Table 10. Data Packet Configuration
BYTE NUMBER
TYPE
DESCRIPTION
0
Interface
Specifies serial interface and operation. The two values are logically ORed.
Operation:
READ
0x00
WRITE
0x10
Interface:
GPIO
0x08
SPI_16
0x04
I2C_FAST
0x02
I2C_STD
0x01
SPI_8
0x00
1
I
2C Slave Address Slave address of I2C device or MSB of 16-bit reg address for SPI
2
Length
Length of data to write/read (number of bytes)
3
Register address
Address of register for I
2C or 8-bit SPI; LSB of 16-bit address for SPI
4..64
Data
Up to 60 data bytes could be written at a time. EP0 maximum length is 64. The return
packet is limited to 42 bytes, so advise only sending 32 bytes at any one time.
Example usage:
Write two bytes (AA, 55) to device starting at register 5 of an I
2C device with address A0:
[0] 0x11
[1] 0xA0
[2] 0x02
[3] 0x05
[4] 0xAA
[5] 0x55
40
USB-MODEVM Protocol
SLAU266A – October 2008 – Revised October 2012
Submit Documentation Feedback
Copyright © 2008–2012, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com