Electronic Components Datasheet Search
  English  ▼

X  

SLOS602 Datasheet(PDF) 21 Page - Texas Instruments

Part # SLOS602
Description  This users guide describes the characteristics, operation, and use of the TLV320AIC3204EVM-K.
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SLOS602 Datasheet(HTML) 21 Page - Texas Instruments

Back Button SLOS602 Datasheet HTML 17Page - Texas Instruments SLOS602 Datasheet HTML 18Page - Texas Instruments SLOS602 Datasheet HTML 19Page - Texas Instruments SLOS602 Datasheet HTML 20Page - Texas Instruments SLOS602 Datasheet HTML 21Page - Texas Instruments SLOS602 Datasheet HTML 22Page - Texas Instruments SLOS602 Datasheet HTML 23Page - Texas Instruments SLOS602 Datasheet HTML 24Page - Texas Instruments SLOS602 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 53 page
background image
www.ti.com
AIC3204 Control Software
Figure 14. Audio Inputs Panel
Before changing a control, see the data sheet to ensure that a particular control is compatible with the
current state of the codec. As an example, some controls in the Analog Setup panel must be modified in
a particular order as described in the data sheet. Other controls must only be modified with a specific
hardware setup, such as powering up the AVDD LDO.
All controls update their status with respect to the register contents in the following conditions:
•
A panel is opened.
•
The Execute Command Buffer button in the Command-Line Interface is pressed.
•
The Refresh button at the bottom right of a panel is pressed.
4.2
Status Flags Panel
The TLV320AIC3204 status flags can monitored in the Status Flags panel (Figure 15) which is located
below the Panel Selection Tree . Pressing the POLL button continuously reads all the registers relevant
to each flag and updates those flags accordingly. The rate at which the registers are read can be modified
by changing the value in the Polling Interval numeric control. Note that a smaller interval reduces
responsiveness of other controls, especially volume sliders, due to bandwidth limitations. By default, the
polling interval is 200 ms and can be set to a minimum of 20 ms.
The Sticky Flags tab contains indicators whose corresponding register contents clear every time a read is
performed to that register. To read all the sticky flags, click the Read Sticky Flags button.
21
SLAU266A – October 2008 – Revised October 2012
TLV320AIC3204EVM-K
Submit Documentation Feedback
Copyright © 2008–2012, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com