Electronic Components Datasheet Search
  English  ▼

X  

SLOS602 Datasheet(PDF) 28 Page - Texas Instruments

Part # SLOS602
Description  This users guide describes the characteristics, operation, and use of the TLV320AIC3204EVM-K.
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SLOS602 Datasheet(HTML) 28 Page - Texas Instruments

Back Button SLOS602 Datasheet HTML 24Page - Texas Instruments SLOS602 Datasheet HTML 25Page - Texas Instruments SLOS602 Datasheet HTML 26Page - Texas Instruments SLOS602 Datasheet HTML 27Page - Texas Instruments SLOS602 Datasheet HTML 28Page - Texas Instruments SLOS602 Datasheet HTML 29Page - Texas Instruments SLOS602 Datasheet HTML 30Page - Texas Instruments SLOS602 Datasheet HTML 31Page - Texas Instruments SLOS602 Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 53 page
background image
Power Supply Connector Pin Header, P23/J23
www.ti.com
Note that P22/J22 comprises the signals needed for an I2S serial digital audio interface; the control
interface (I
2C and RESET) signals are routed to P12/J12.
A.3
Power Supply Connector Pin Header, P23/J23
P23/J23 provides connection to the common power bus for the TLV320AIC3204EVM. Power is supplied
on the pins listed in Table 6.
Table 6. Power Supply Pin Out
SIGNAL
PIN NUMBER
SIGNAL
NC P23.1/J
P23.2/J2 NC
23.1
3.2
+5VA P23.3/J
P23.4/J2 NC
23.3
3.4
DGND P23.5/J
P23.6/J2 AGND
23.5
3.6
+1.8VD P23.7/J
P23.8/J2 NC
23.7
3.8
+3.3VD P23.9/J
P23.10/J +5VD
23.9
23.10
The TLV320AIC3204EVM-K motherboard (the USB-MODEVM Interface board) supplies power to P23/J23
of the TLV320AIC3204EVM. Power for the motherboard is supplied either through its USB connection or
via terminal blocks on that board.
28
EVM Connector Descriptions
SLAU266A – October 2008 – Revised October 2012
Submit Documentation Feedback
Copyright © 2008–2012, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com