Electronic Components Datasheet Search
  English  ▼

X  

SLOS602 Datasheet(PDF) 5 Page - Texas Instruments

Part # SLOS602
Description  This users guide describes the characteristics, operation, and use of the TLV320AIC3204EVM-K.
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SLOS602 Datasheet(HTML) 5 Page - Texas Instruments

  SLOS602 Datasheet HTML 1Page - Texas Instruments SLOS602 Datasheet HTML 2Page - Texas Instruments SLOS602 Datasheet HTML 3Page - Texas Instruments SLOS602 Datasheet HTML 4Page - Texas Instruments SLOS602 Datasheet HTML 5Page - Texas Instruments SLOS602 Datasheet HTML 6Page - Texas Instruments SLOS602 Datasheet HTML 7Page - Texas Instruments SLOS602 Datasheet HTML 8Page - Texas Instruments SLOS602 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 53 page
background image
www.ti.com
EVM Description and Basics
2.2
Default Configuration and Connections
2.2.1
USB-MODEVM
Table 1 provides a list of the SW2 settings on the USB-MODEVM. For use with the TLV320AIC3204EVM,
SW-2 positions 1, 3, 4, 5, 6, and 7 must be set to ON, whereas SW-2.2 and SW-2.8 must be set to OFF. If
the TLV320AIC3204EVM is to be used with an external audio interface, SW2.4 and SW2.5 also need to
be set to OFF and such interface must be connected as explained in Section 2.4
Table 1. USB-MODEVM SW2 Settings
SW-2 Switch Number
Label
Switch Description
1
A0
USB-MODEVM EEPROM I
2C Address A0
ON: A0 = 0
OFF: A0 = 1
2
A1
USB-MODEVM EEPROM I
2C Address A1
ON: A1 = 0
OFF: A1 = 1
3
A2
USB-MODEVM EEPROM I
2C Address A2
ON: A2 = 0
OFF: A2 = 1
4
USB I
2S
I
2S Bus Source Selection
ON: I
2S Bus connects to TAS1020
OFF: I
2S Bus connects to USB-MODEVM J14
5
USB MCK
I
2S Bus MCLK Source Selection
ON: MCLK connects to TAS1020
OFF: MCLK connects to USB-MODEVM J14
6
USB SPI
SPI Bus Source Selection
ON: SPI Bus connects to TAS1020
OFF: SPI Bus connects to USB-MODEVM J15
7
USB RST
RST Source Selection
ON: EVM Reset Signal comes from TAS1020
OFF: EVM Reset Signal comes from USB-MODEVM J15
8
EXT MCK
External MCLK Selection
ON: MCLK Signal is provided from USB-MODEVM J10
OFF: MCLK Signal comes from either selection of SW2-5
2.2.2
TLV320AIC3204EVM Jumper Locations
Table 2 provides a list of jumpers found on the EVM and their factory default conditions.
Table 2. List of Jumpers and Switches
Default
Jumper
Position
Jumper Description
W1
2-3
When connecting 2-3, microphone bias comes from the MICBIAS pin on the device; when connecting 1-2, microphone (mic) bias is
supplied through TP8.
W2
Installed
Connects onboard Mic negative terminal to the circuit.
W3
Installed
Connects onboard Mic positive terminal to the circuit.
W4
Open
Provides mic bias to J5.3 (disconnect W2 and W3 before installing this jumper). Use for stereo electric microphones only.
W5
Installed
Provides mic bias to J5.2 and onboard Mic positive terminal.
W6
Installed
Sets the mic bias resistance to 1 k
Ω. Use for differential electric mic configurations.
W7
Installed
Connects J5.3 and onboard Mic negative terminal to the circuit.
W8
2-3
Connects J5.3 and onboard Mic negative terminal to AVSS or 1-k
Ω resistor.
W9
Open
Connects 16-
Ω load to HPL outputs.
W10
Open
Connects 16-
Ω load to HPR outputs.
W11
Open
When installed, shorts across the output capacitor on HPL; remove this jumper if using AC-coupled output drive
W12
Open
When installed, shorts across the output capacitor on HPR; remove this jumper if using AC-coupled output drive
W13
Installed
When installed, it selects onboard EEPROM as firmware source.
W14
1-2
When set to 1-2, SCLK/MIC_DET is used for SPI SCLK. When set to 2-3, SCLK/MIC_DET is used for headset detection.
5
SLAU266A – October 2008 – Revised October 2012
TLV320AIC3204EVM-K
Submit Documentation Feedback
Copyright © 2008–2012, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com