Electronic Components Datasheet Search
  English  ▼

X  

SCES223 Datasheet(PDF) 4 Page - Texas Instruments

Part # SCES223
Description  This users guide describes the characteristics, operation, and use of the TLV320AIC3204EVM-K.
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SCES223 Datasheet(HTML) 4 Page - Texas Instruments

  SCES223 Datasheet HTML 1Page - Texas Instruments SCES223 Datasheet HTML 2Page - Texas Instruments SCES223 Datasheet HTML 3Page - Texas Instruments SCES223 Datasheet HTML 4Page - Texas Instruments SCES223 Datasheet HTML 5Page - Texas Instruments SCES223 Datasheet HTML 6Page - Texas Instruments SCES223 Datasheet HTML 7Page - Texas Instruments SCES223 Datasheet HTML 8Page - Texas Instruments SCES223 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 53 page
background image
EVMPosition2
EVMPosition1
TLV320AIC32x4EVM
ControlInterface
TLV320AIC32x4
TAS1020B
USB8051
Microcontroller
USB
SPI,I C
2
I S,AC97
2
AudioInterface
USB-MODEVM
EVM Description and Basics
www.ti.com
2.1.1
USB-MODEVM Interface Board
The simple diagram of Figure 1 shows only the basic features of the USB-MODEVM Interface board.
Because the TLV320AIC3204EVM is a double-wide modular EVM, it is installed with connections to both
EVM positions, which connects the TLV320AIC3204 digital control interface to the I
2C port realized using
the TAS1020B, as well as the TAS1020B digital audio interface.
In the factory configuration, the board is ready to be used with the USB-MODEVM. To view all the
functions and configuration options available on the USB-MODEVM board, see the USB-MODEVM
Interface Board schematic in Appendix G.
Figure 1. TLV320AIC3204EVM-K Block Diagram
4
TLV320AIC3204EVM-K
SLAU266A – October 2008 – Revised October 2012
Submit Documentation Feedback
Copyright © 2008–2012, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com