Electronic Components Datasheet Search
  English  ▼

X  

SCES223 Datasheet(PDF) 13 Page - Texas Instruments

Part # SCES223
Description  This users guide describes the characteristics, operation, and use of the TLV320AIC3204EVM-K.
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SCES223 Datasheet(HTML) 13 Page - Texas Instruments

Back Button SCES223 Datasheet HTML 9Page - Texas Instruments SCES223 Datasheet HTML 10Page - Texas Instruments SCES223 Datasheet HTML 11Page - Texas Instruments SCES223 Datasheet HTML 12Page - Texas Instruments SCES223 Datasheet HTML 13Page - Texas Instruments SCES223 Datasheet HTML 14Page - Texas Instruments SCES223 Datasheet HTML 15Page - Texas Instruments SCES223 Datasheet HTML 16Page - Texas Instruments SCES223 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 53 page
background image
www.ti.com
AIC3204 Control Software
Figure 5. Playback Panel
4.1.1.2
Recording
The Recording panel (shown in Figure 6) has the following configurations:
•
High Performance Stereo Recording - this configuration programs the TLV320AIC3204 in PowerTune
mode PTM_R4, for low-noise, high-performance stereo recording. IN1_L and IN1_R are routed in a
single ended fashion.
•
Low Power Stereo Recording - this configuration programs the TLV320AIC3204 in PowerTune mode
PTM_R1 for low-power stereo playback. IN1_L and IN1_R are routed in a single ended fashion.
•
Differential On-Board Microphone - this configuration programs the TLV320AIC3204's IN3_L and
IN3_R as a differential pair. Jumpers related to the onboard microphone (W1 to W8) must be set to
their default configuration as described in Table 2.
The analog inputs used for these configurations can be accessed as follows:
1. IN1_L / IN1_R - Jack J1 or terminal block J2.
2. IN3_L / IN3_R - Terminal block J4. Note that the onboard jack J5 must not be used for a differential
configuration.
13
SLAU266A – October 2008 – Revised October 2012
TLV320AIC3204EVM-K
Submit Documentation Feedback
Copyright © 2008–2012, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com