| Electronic Components Datasheet Search |
|
SCES223 Datasheet(PDF) 49 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
SCES223 Datasheet(HTML) 49 Page - Texas Instruments |
|
49 / 53 page ![]() www.ti.com GPIO Capability The return packet is: [0] 0x21 [1] 0xA0 [2] 0x02 [3] 0x05 [4] 0xAA [5] 0x55 assuming that the values written starting at Register 5 were actually written to the device. G.2 GPIO Capability The USB-MODEVM has seven GPIO lines. Access them by specifying the interface to be 0x08, and then using the standard format for packets—but addresses are unnecessary. The GPIO lines are mapped into one byte (see Table 11): Table 11. GPIO Pin Assignments Bit 7 6 5 4 3 2 1 0 x P3.5 P3.4 P3.3 P1.3 P1.2 P1.1 P1.0 Example: write P3.5 to a 1, set all others to 0: [0] 0x18 → write, GPIO [1] 0x00 → this value is ignored [2] 0x01 → length - ALWAYS a 1 [3] 0x00 → this value is ignored [4] 0x40 → 01000000 The user can also read back from the GPIO to see the state of the pins. Assume the previous example was just written to the port pins. Example: read the GPIO [0] 0x08 → read, GPIO [1] 0x00 → this value is ignored [2] 0x01 → length - ALWAYS a 1 [3] 0x00 → this value is ignored The return packet is: [0] 0x28 [1] 0x00 [2] 0x01 [3] 0x00 [4] 0x40 G.3 Writing Scripts A script is simply a text file that contains data to send to the serial control buses. Each line in a script file is one command. No provision is made for extending lines beyond one line, except for the > command. A line is terminated by a carriage return. The first character of a line is the command. Commands are: I Set interface bus to use r Read from the serial control bus w Write to the serial control bus > Extend repeated write commands to lines below a w # Comment b Break d Delay f Wait for Flag 43 SLAU266A – October 2008 – Revised October 2012 USB-MODEVM Protocol Submit Documentation Feedback Copyright © 2008–2012, Texas Instruments Incorporated |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |