| Electronic Components Datasheet Search |
|
SCES223 Datasheet(PDF) 11 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
SCES223 Datasheet(HTML) 11 Page - Texas Instruments |
|
11 / 53 page ![]() www.ti.com AIC3204 Control Software 4 AIC3204 Control Software The AIC3204 Control Software (CS) is an intuitive, easy-to-use, powerful tool to learn, evaluate, and control the TLV320AIC3204. This tool was specifically designed to make learning the TLV320AIC3204 software easy. The following sections describe the operation of this software. NOTE: For configuration of the codec, the TLV320AIC3204 block diagram located in the TLV320AIC3204 data sheet is a good reference to help determine the signal routing. 4.1 Main Panel Window The Main Panel window, shown in Figure 2, provides easy access to all the features of the AIC3204 CS. The Firmware Name and Version boxes provide information about the firmware loaded into the EVM's EEPROM. The USB-MODEVM Interface drop-down menu allows the user to select which communication protocol the TAS1020B USB Controller uses to communicate with the TLV320AIC3204 or to toggle the TAS1020B GPIO pins. The TLV320AIC3204 supports I 2C Standard, I2C Fast, and 8-bit register SPI. The USB- MODEVM Interface selection is global to all panels, including the Command-Line Interface. To communicate to the TLV320AIC3204 using SPI, SW1 must be switched towards SPI and W14 must be set to 1-2 on the TLV320AIC3204EVM. The Panel Selection Tree provides access to typical configurations, features, and other panels that allow the user to control the TLV320AIC3204. The tree is divided into several categories which contain items that pop up panels. A panel can be opened by double-clicking any item inside a category in the Panel Selection Tree. Below the Panel Selection Tree are three buttons that pop up the following: • Status Flags - Allows the user to monitor the TLV320AIC3204 status flags. • Register Tables - A tool to monitor register pages. • Command-Line Interface - A tool to execute/generate scripts and monitor register activity. The USB LED indicates if the EVM kit is recognized by the software and the ACTIVITY LED illuminates every time a command request is sent. The dialog box at the bottom of the Main Panel provides feedback of the current status of the software. 11 SLAU266A – October 2008 – Revised October 2012 TLV320AIC3204EVM-K Submit Documentation Feedback Copyright © 2008–2012, Texas Instruments Incorporated |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |