Electronic Components Datasheet Search
  English  ▼

X  

ATC111 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # ATC111
Description  ATC Millimeter Wavelength Single Layer Capacitors
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

ATC111 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  ATC111 Datasheet HTML 1Page - List of Unclassifed Manufacturers ATC111 Datasheet HTML 2Page - List of Unclassifed Manufacturers ATC111 Datasheet HTML 3Page - List of Unclassifed Manufacturers ATC111 Datasheet HTML 4Page - List of Unclassifed Manufacturers ATC111 Datasheet HTML 5Page - List of Unclassifed Manufacturers ATC111 Datasheet HTML 6Page - List of Unclassifed Manufacturers ATC111 Datasheet HTML 7Page - List of Unclassifed Manufacturers ATC111 Datasheet HTML 8Page - List of Unclassifed Manufacturers ATC111 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
American Technical Ceramics • One Norden Lane, Huntington Station, N.Y. 11746-2142
phone: 631-622-4700 • fax: 631-622-4748 • e-mail: sales@atceramics.com • http://www.atceramics.com
2
ENVIRONMENTAL CHARACTERISTICS, cont.
These include the following Hi-Rel tests in accordance with
MIL-STD-202:
• Immersion (method 104, MIL-STD-202)
• Resistance to soldering heat (method 210, MIL-STD-202)
• Low voltage humidity (MIL-C-49464)
• Moisture resistance (method 106)
• Life test at +125°C and 2X rated voltage
(method 108, test cond. F)
• Solderability (method 208)
• Voltage conditioning at +125°C and 2X rated voltage
(method 108, test cond. A)
QUALITY PROGRAM
Stringent process procedures and exacting material requirements
ensure that only the highest quality parts are shipped.
ATC's manufacturing and Quality Testing facilities comply with the
following specifications:
• ISO 10012-1 Quality Assurance for Measuring Equipment
• ANSI / NCSL Z540-1-1994 Calibration Laboratories and
Measuring and Test Equipment - General Requirements
ATC Single Layer Capacitors: General Specifications
ELECTRICAL CHARACTERISTICS
OPERATING FREQUENCY: Up to 50 GHz.
RESONANT FREQUENCY: See curve below.
STANDARD MEASUREMENT FREQUENCY:
1 MHz for .06 to 100 pF; 1 KHz for values greater than 100 pF.
INSULATION RESISTANCE:
1011 ohms min. at +25°C and rated voltage.
VOLTAGE RATING: 100 WVDC.
Consult factory for higher ratings.
DIELECTRIC TEST VOLTAGE: 250% of voltage rating for
5 seconds. Impervious to static discharge failures.
MECHANICAL CHARACTERISTICS
HERMETICITY: The dielectric is virtually unaffected by moisture
and commonly used cleaning solvents.
RUGGED CONSTRUCTION to minimize bonding problems and
circuit assembly problems.
BOND STRENGTH: All terminations meet or exceed MIL-STD-883
Method 2019 for Die shear strength. Wire bondability meets or
exceeds MIL-C-49464 Paragraph 3.12 as well as MIL-STD-883
Method 2011.
ENVIRONMENTAL CHARACTERISTICS
OPERATING TEMPERATURE:
–55°C to +125°C. (No derating of working voltage)
ATC parallel plate capacitors are designed and manufactured to
meet or exceed the requirements of MIL-C-49464.
SERIES RESONANCE VS CAPACITANCE
0.1
1
10
100
1000
0.1
1
10
100
1000
10000
CAPACITANCE
(pF)
Typical



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com